Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3B4010 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3B4010
Description  3.3V, High-Bandwidth, 40:10-Bit DDR Mux/Demux NanoSwitch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B4010 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3B4010 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PS8571A
12/11/02
PI3B4010
3.3V, High Bandwidth, 40:10-Bit,
DDR Mux/Demux NanoSwitch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Voltage Waveforms Propagation Delay Times
SwitchingWaveforms
Output Skew - tSK(o)
Pulse Skew - tSK(p)
Input
tPLH
1.25V
1.25V
1.25V
1.25V
tPHL
2.5V
0V
Output
VOH
VOL
Voltage Waveforms Enable and Disable Times
Data In at
Ax or Ay
Data Out
at MBx
Data Out
at MBy
tPLHX
tPHLX
2.5V
1.25V
1.25V
1.25V
I
tSK(o) = I tPLHy – tPLHx I or I tPHLy – tPHLx I
tSK(o)
tPLHy
tPHLy
VOH
VOL
VOL
VOH
0V
Input
Output
tPLH
tSK(p) = I tPHL – tPLH I
tPHL
2.5V
1.25V
1.25V
VOL
VOH
0V
tPLZ
1.25V
1.25V
2.5V
2.5V
0V
0V
0V
1.25V
1.25V
1.25V
1.25V
tPHZ
tPHZ
tPZL
tPZH
tPZH
Output A
Output A
Output B
VOL +0.15V
VOH –0.15V
VOL
VOH
VOH
SEL


Similar Part No. - PI3B4010

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16209 PERICOM-PI3B16209 Datasheet
70Kb / 3P
   3.3V, 18-Bit Bus Exchange Switch
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
   3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16210A PERICOM-PI3B16210A Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210AE PERICOM-PI3B16210AE Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
More results

Similar Description - PI3B4010

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
   3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
   3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
   DeMux/Mux NanoSwitch
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
   Mux/DeMux NanoSwitch?
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
   3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
logo
Pericom Semiconductor C...
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com