Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP502 Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # AP502
Description  UMTS-band 4W HBT Amplifier Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP502 Datasheet(HTML) 5 Page - WJ Communication. Inc.

  AP502 Datasheet HTML 1Page - WJ Communication. Inc. AP502 Datasheet HTML 2Page - WJ Communication. Inc. AP502 Datasheet HTML 3Page - WJ Communication. Inc. AP502 Datasheet HTML 4Page - WJ Communication. Inc. AP502 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 5 of 5 February 2006
AP502
UMTS-band 4W HBT Amplifier Module
Product Information
The Communications Edge
TM
Outline Drawing
23
4
5
6
1
AP502
Outline Drawing for the Heatsink Shipped
with the WJ Evaluation Board
Product Marking
The device will be marked with an “AP502” designator
with an alphanumeric lot code on the top surface of the
package noted as “ABCD” on the drawing.
A
manufacturing date will also be printed as “XXYY”, where
the “XX” represents the week number from 1 – 52.
The product will be shipped in tubes in multiples of 15.
ESD / MSL Information
ESD Rating: Class 1C
Value:
Passes at
≥ 1,000 to < 2,000 volts
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class III
Value:
Passes
≥ 500 to < 1,000 volts
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101


Similar Part No. - AP502

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AP50210 SCHNEIDER-AP50210 Datasheet
70Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 225A
logo
List of Unclassifed Man...
AP5024 ETC-AP5024 Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
logo
Schneider Electric
AP5026 SCHNEIDER-AP5026 Datasheet
70Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 6 FT 225A
AP502G10 SCHNEIDER-AP502G10 Datasheet
70Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 10FT 225A
AP502G6 SCHNEIDER-AP502G6 Datasheet
70Kb / 2P
   BUSWAY PLUG-IN STRAIGHT LENGTH 6 FT 225A
More results

Similar Description - AP502

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AP622 WJCI-AP622 Datasheet
190Kb / 4P
   UMTS-band 4W HBT Amplifier Module
AP504 WJCI-AP504 Datasheet
218Kb / 5P
   DCS-band 4W HBT Amplifier Module
AP503 WJCI-AP503 Datasheet
321Kb / 5P
   DCS-band 4W HBT Amplifier Module
AP512 WJCI-AP512 Datasheet
267Kb / 5P
   UMTS-band 8W HBT Amplifier Module
AP501 WJCI-AP501 Datasheet
380Kb / 5P
   PCS-band 4W HBT Amplifier Module
logo
List of Unclassifed Man...
AP504 ETC1-AP504 Datasheet
324Kb / 5P
   DCS-band 4W HBT Amplifier Module
logo
Broadcom Corporation.
ACPM-7355 BOARDCOM-ACPM-7355 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7357 BOARDCOM-ACPM-7357 Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
logo
Alpha Industries
AP134-501 ALPHA-AP134-501 Datasheet
344Kb / 5P
   Tri-Band HBT Power Amplifier Module
logo
WJ Communication. Inc.
AP513 WJCI-AP513 Datasheet
311Kb / 5P
   DCS-band 8W HBT Amplifier Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com