Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNE18OA01 Datasheet(PDF) 1 Page - ITT Industries

Part # ZNE18OA01
Description  Mains / Power Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ZNE18OA01 Datasheet(HTML) 1 Page - ITT Industries

  ZNE18OA01 Datasheet HTML 1Page - ITT Industries ZNE18OA01 Datasheet HTML 2Page - ITT Industries ZNE18OA01 Datasheet HTML 3Page - ITT Industries ZNE18OA01 Datasheet HTML 4Page - ITT Industries ZNE18OA01 Datasheet HTML 5Page - ITT Industries ZNE18OA01 Datasheet HTML 6Page - ITT Industries ZNE18OA01 Datasheet HTML 7Page - ITT Industries ZNE18OA01 Datasheet HTML 8Page - ITT Industries ZNE18OA01 Datasheet HTML 9Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
A–99
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
A
C&K NE-18 Series
Mains / Power Switches
Features/Benefits
Chassis or panel mount
Various buttons
Various contact configurations
RoHS compliant
Typical Applications
Mains/power switching
Consumer electronics
Audio equipment
Digital products
Specifications
POWER CONTACT:
SWITCHING POWER MAX. AC/DC: NE18: 1500/100 W,
NE18CTII: 1000/100 W; AC (Inductive cos
w =0.6): NE18: 900W,
NE18CTII: 600W.
SWITCHING VOLTAGE MAX. AC/DC: 250/100V
SWITCHING CURRENT MAX. AC/DC
AC (Inductive cos
w =0.6): NE18: 6 A2)4)/1 A, NE18CTII: 4 A2)/1 A
INRUSH CURRENT MAX. AC1): NE18: 36 A, NE18CTII: 64 A
DIELECTRIC STRENGTH (50 Hz, 1 min.): 2000 V
OPERATING LIFE AT MAX. LOAD AND AT MAX. INRUSH
CURRENT:
^104 operations5)
CONTACT RESISTANCE: Initial: 50m
Ω; After 104 operations: 70mΩ.
INSULATION RESISTANCE:
^1012 Ωchassis – nearest contact;
^1012 Ωmains contact – mains contact; ^1012 Ωmains contact –
mains contact after 104 operations.
LOW VOLTAGE CONTACT:
SWITCHING POWER MAX.: 12W
SWITCHING VOLTAGE MAX.: 24V
SWITCHING CURRENT MAX.: 0.5A
TOTAL TRAVEL: 4.7mm (.185 inch)
LATCHING TRAVEL: 3.3mm (.130 inch)
OPERATING FORCE: Without auxiliary low voltage contacts:
NE18: 7N (700 grams); NE18CTII: 9.5N (950 grams).
With auxiliary low voltage contacts: NE18: 8N (800 grams);
NE18CTII: 11N (1100 grams).
SEALING: Dust proof.
Materials
HOUSING, ACTUATOR & TERMINAL BOARD: Thermoplastic
polyester (UL 94V-0).
MOVABLE CONTACT: Silver nickel alloy, silver plated.
FIXED CONTACTS: Silver nickel alloy, silver plated.
COMMON CONTACTS & TERMINALS: Copper alloy, silver plated.
RETURN SPRING: Music wire.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs. All models arer RoHS compliant and compatible.
NOTE:
Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-100 thru A-106. For additional options not shown in catalog, consult Customer Service Center.
If requesting only a switch, select the switch as noted below. Buttons are sold separately.
Designation
NE18
NE1B
ZNE18 Cental mounted NE1B
Single Station Chassis
01 With .094 mounting holes
(NONE) No chassis
02 With 4-40 tapped mounting holes
03 Special chassis (consult factory)
Dress nut*
*Central mounted
ZNE18 series only
(NONE) No dress nut
B Black
C Chrome
Mechanical Function
OA Momentary
EE
Alternate (push-push)
Contact Arrangement
NE18 code # - see list


Similar Part No. - ZNE18OA01

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZNE18OA01B CK-COMPONENTS-ZNE18OA01B Datasheet
388Kb / 9P
   Power Switches
More results

Similar Description - ZNE18OA01

ManufacturerPart #DatasheetDescription
logo
C&K Components
NE-18 CK-COMPONENTS-NE-18_V01 Datasheet
1Mb / 9P
   Mains / Power Switches
22 Dec 21
NE18-2A-EE-SP CK-COMPONENTS-NE18-2A-EE-SP Datasheet
388Kb / 9P
   NE-18 Series Mains / Power Switches
logo
ITT Industries
F0203 ITT-F0203 Datasheet
1,008Kb / 9P
   C K NE-18 Series Mains / Power Switches
logo
STMicroelectronics
AN2799 STMICROELECTRONICS-AN2799 Datasheet
381Kb / 14P
   Measuring mains power consumption
logo
List of Unclassifed Man...
SF2010-6 ETC2-SF2010-6 Datasheet
85Kb / 2P
   MAINS INPUT FILTERS
logo
NXP Semiconductors
TEA1401T PHILIPS-TEA1401T Datasheet
166Kb / 20P
   Power plug for the universal mains
1997 Mar 07
logo
ECM Electronics Limited...
TCH-A ECM-TCH-A Datasheet
144Kb / 3P
   Flat Mains Transformer
logo
Schurter Inc.
4121 SCHURTER-4121 Datasheet
273Kb / 2P
   Power Supply Cord with Euro- Power (Mains) Plug, Straight
logo
PIC GmbH
MS-216-5 PIC-MS-216-5 Datasheet
22Kb / 1P
   Mains switching Reed Sensor
logo
Schurter Inc.
422U SCHURTER-422U Datasheet
336Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Angled
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com