Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

192900-0055 Datasheet(PDF) 4 Page - ITT Industries

Part # 192900-0055
Description  Cannon Trident Connector System Neptune Circular Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

192900-0055 Datasheet(HTML) 4 Page - ITT Industries

  192900-0055 Datasheet HTML 1Page - ITT Industries 192900-0055 Datasheet HTML 2Page - ITT Industries 192900-0055 Datasheet HTML 3Page - ITT Industries 192900-0055 Datasheet HTML 4Page - ITT Industries 192900-0055 Datasheet HTML 5Page - ITT Industries 192900-0055 Datasheet HTML 6Page - ITT Industries 192900-0055 Datasheet HTML 7Page - ITT Industries 192900-0055 Datasheet HTML 8Page - ITT Industries 192900-0055 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
31
Cannon Trident Connector System
Neptune Circular Connectors
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
ØF
G
F
F
G
G
ØH
Standard Receptacles —
Socket Contacts Flange Mounting
For Wire Sealing Ranges, see page 29.
For Panel Gaskets, see page 37.
Contact Shell
Layout Size Part Number Nomenclature
A
B
C
ØD
ØE
F
G
ØH
ØJ
ØK
4-20
24 192900-0030 TN 0S 2404-20 S1L 41,80 (1.645) 3,50 (.137) 15,40 (.606) 38,10 (1.500) 40,10 (1.578) 50,80 (2.000) 39,70 (1.563) 4,20 (.165) 41,00 (1.614) 41,00 (1.614)
4-28
24 192900-0033 TN 0S 2404-28 S1L 41,80 (1.645) 3,50 (.137) 15,40 (.606) 38,10 (1.500) 40,10 (1.578) 50,80 (2.000) 39,70 (1.563) 4,20 (.165) 41,00 (1.614) 41,00 (1.614)
12-19
24 192900-0036 TN 0S 2412-19 S1L 41,80 (1.645) 3,50 (.137) 15,40 (.606) 38,10 (1.500) 40,10 (1.578) 50,80 (2.000) 39,70 (1.563) 4,20 (.165) 41,00 (1.614) 41,00 (1.614)
0-48
24 192900-0475 TN 0S 2400-48 S1L 41,80 (1.645) 3,50 (.137) 15,40 (.606) 38,10 (1.500) 40,10 (1.578) 50,80 (2.000) 39,70 (1.563) 4,20 (.165) 41,00 (1.614) 41,00 (1.614)
0-48 (L) 24 192991-0640 TN 0L 2400-48 S1L 52,70 (2.075) 3,50 (.137) 15,40 (.606) 38,10 (1.500) 40,10 (1.578) 50,80 (2.000) 39,70 (1.563) 4,20 (.165) 41,00 (1.614) 41,00 (1.614)
0-19
16 192900-0039 TN 0S 1600-19 S1L 39,80 (1.566) 2,30 (.090) 11,40 (.448) 25,40 (1.000) 27,00 (1.063) 31,00 (1.220) 24,50 (.964) 3,20 (.125) 28,10 (1.106) 28,10 (1.106)
2-13
16 192900-0509 TN 0S 1602-13 S1L 39,80 (1.566) 2,30 (.090) 11,40 (.448) 25,40 (1.000) 27,00 (1.063) 31,00 (1.220) 24,50 (.964) 3,20 (.125) 28,10 (1.106) 28,10 (1.106)
0-12
14 192900-0308 TN 0S 1400-12 S1L 39,70 (1.563) 2,30 (.090) 11,40 (.448) 22,20 (.874) 24,30 (.956) 28,60 (1.122) 22,90 (.901) 3,20 (.125) 24,60 (.968)
24,60 (.968)
(L) Larger overall sealing diameter for thick insulation wires.
Panel Cutout
ØJ = Flange in Front of Panel
ØK = Flange at Rear of Panel
Jam Nut Mounting
Jam Nut included.
For Wire Sealing Ranges, see page 29.
Contact Shell
Layout
Size Part Number Nomenclature
A
B
C
ØD
ØE
ØF
G
H
ØJ
4-20
24
192900-0032 TN 7S 240420 S1L 41,80 (1.645) 3,50 (.137) 23,40 (.921) 38,10 (1.500) 40,10 (1.578) 51,00 (2.007) 47,50 (1.870) 41,50 (1.633) 43,20 (1.700)
4-28
24
192900-0035 TN 7S 240428 S1L 41,80 (1.645) 3,50 (.137) 23,40 (.921) 38,10 (1.500) 40,10 (1.578) 51,00 (2.007) 47,50 (1.870) 41,50 (1.633) 43,20 (1.700)
12-19
24
192900-0038 TN 7S 241219 S1L 41,80 (1.645) 3,50 (.137) 23,40 (.921) 38,10 (1.500) 40,10 (1.578) 51,00 (2.007) 47,50 (1.870) 41,50 (1.633) 43,20 (1.700)
0-48
24
192900-0481 TN 7S 240048 S1L 41,80 (1.645) 3,50 (.137) 23,40 (.921) 38,10 (1.500) 40,10 (1.578) 51,00 (2.007) 47,50 (1.870) 41,50 (1.633) 43,20 (1.700)
0-48 (L)
24
192991-0644 TN 7L 240048 S1L 52,70 (2.075) 3,50 (.137) 23,40 (.921) 38,10 (1.500) 40,10 (1.578) 51,00 (2.007) 47,50 (1.870) 41,50 (1.633) 43,20 (1.700)
0-19
16
192900-0490 TN 7S 160019 S1L 39,80 (1.566) 2,30 (.090) 23,00 (.905) 25,40 (1.000) 27,00 (1.063) 39,80 (1.566) 38,40 (1.511) 28,00 (1.102) 30,50 (1.200)
2-13
16
192900-0508 TN 7S 160213 S1L 39,80 (1.566) 2,30 (.090) 23,00 (.905) 25,40 (1.000) 27,00 (1.063) 39,80 (1.566) 38,40 (1.511) 28,00 (1.102) 30,50 (1.200)
0-12
14
192900-0313 TN 7S 140012 S1L 39,70 (1.563) 3,50 (.137) 22,10 (.870) 22,20 (.874)
24,30 (.956)
35,80 (1.409) 32,20 (1.267) 25,10 (.988)
27,30 (1.075)
(L) Larger overall sealing diameter for thick insulation wires.
Receptacle may be ordered without securing nut and wire seal.
Contact Cannon for details.
Bulk packaging options available. Contact Cannon for details.
For Panel Gaskets, see page 35.
Receptacle may be ordered without securing
nut and wire seal. Contact Cannon for details.
Bulk packaging options available.
Contact Cannon for details.
Panel Cutout


Similar Part No. - 192900-0055

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192900-0000 ITT-192900-0000 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0001 ITT-192900-0001 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0002 ITT-192900-0002 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
192900-0003 ITT-192900-0003 Datasheet
12Mb / 79P
   Cannon APD Series ISO 15170 Connectors
More results

Similar Description - 192900-0055

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com