Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP513-PCB Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # AP513-PCB
Description  DCS-band 8W HBT Amplifier Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP513-PCB Datasheet(HTML) 4 Page - WJ Communication. Inc.

  AP513-PCB Datasheet HTML 1Page - WJ Communication. Inc. AP513-PCB Datasheet HTML 2Page - WJ Communication. Inc. AP513-PCB Datasheet HTML 3Page - WJ Communication. Inc. AP513-PCB Datasheet HTML 4Page - WJ Communication. Inc. AP513-PCB Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 5 June 2006
AP513
DCS-band 8W HBT Amplifier Module
Product Information
The Communications Edge
TM
MTTF Calculation
The MTTF of the AP513 can be calculated by first
determining how much power is being dissipated by the
amplifier module. Because the device’s intended application
is to be a power amplifier pre-driver or final stage output
amplifier, the output RF power of the amplifier will help
lower the overall power dissipation.
In addition, the
amplifier can be biased with different quiescent currents, so
the calculation of the MTTF is custom to each application.
The power dissipation of the device can be calculated with
the following equation:
Pdiss = Vcc * Icc – (Output RF Power – Input RF Power),
Vcc = Operating supply voltage = 12V
Icc = Operating current
{The RF power is converted to Watts}
While the maximum recommended case temperature on the
datasheet is listed at 85 ˚C, it is suggested that customers
maintain an MTTF above 1 million hours.
This would
convert to a derating curve for maximum case temperature vs.
power dissipation as shown in the plot below.
Maximum Recommended Case Temperature vs. Power Dissipation
to maintain 1 million hours MTTF
50
60
70
80
90
8
101214
16
18
202224
Power Dissipation (Watts)
To calculate the MTTF for the module, the junction
temperature needs to be determined. This can be easily
calculated with the module’s power dissipation, the thermal
resistance value, and the case temperature of operation:
Tj = Pdiss * Rth + Tcase
Tj = Junction temperature
Pdiss = Power dissipation (calculated from above)
Rth = Thermal resistance = 4.5 ˚C/W
Tcase = Case temperature of module’s heat sink
From a numerical standpoint, the MTTF can be calculated
using the Arrhenius equation:
MTTF = A* e
(Ea/k/Tj)
A = Pre-exponential Factor = 6.087 x 10
-11 hours
Ea = Activation Energy = 1.39 eV
k = Boltzmann’s Constant = 8.617 x 10
-5 eV/ ºK
Tj = Junction Temperature (ºK) = Tj (ºC) + 273
A graphical view of the MTTF can be shown in the plot
below.
MTTF vs. Junction Temperature
1.E+05
1.E+06
1.E+07
130
140
150
160
170
180
Junction Temperature (°C)


Similar Part No. - AP513-PCB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
AP5100 DIODES-AP5100 Datasheet
362Kb / 10P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
DS32130 Rev. 2 - 2
AP5100 DIODES-AP5100 Datasheet
389Kb / 12P
   1.2A STEP-DOWN CONVERTER with 1.4MHz SWITCHING FREQUENCY
Rev. 3 - 2 April 2012
AP5100W DIODES-AP5100W Datasheet
362Kb / 10P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
DS32130 Rev. 2 - 2
AP5100WG-7 DIODES-AP5100WG-7 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
More results

Similar Description - AP513-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AP512 WJCI-AP512 Datasheet
267Kb / 5P
   UMTS-band 8W HBT Amplifier Module
logo
List of Unclassifed Man...
AP504 ETC1-AP504 Datasheet
324Kb / 5P
   DCS-band 4W HBT Amplifier Module
logo
WJ Communication. Inc.
AP504 WJCI-AP504 Datasheet
218Kb / 5P
   DCS-band 4W HBT Amplifier Module
AP503 WJCI-AP503 Datasheet
321Kb / 5P
   DCS-band 4W HBT Amplifier Module
AP501 WJCI-AP501 Datasheet
380Kb / 5P
   PCS-band 4W HBT Amplifier Module
AP502 WJCI-AP502 Datasheet
389Kb / 5P
   UMTS-band 4W HBT Amplifier Module
logo
Alpha Industries
AP134-501 ALPHA-AP134-501 Datasheet
344Kb / 5P
   Tri-Band HBT Power Amplifier Module
logo
WJ Communication. Inc.
AP622 WJCI-AP622 Datasheet
190Kb / 4P
   UMTS-band 4W HBT Amplifier Module
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
logo
TriQuint Semiconductor
AP561-F TRIQUINT-AP561-F_15 Datasheet
1Mb / 17P
   0.7-2.9 GHz 8W HBT Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com