Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

192900-0431 Datasheet(PDF) 8 Page - ITT Industries

Part # 192900-0431
Description  Cannon Trident Connector System Neptune Circular Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

192900-0431 Datasheet(HTML) 8 Page - ITT Industries

Back Button 192900-0431 Datasheet HTML 2Page - ITT Industries 192900-0431 Datasheet HTML 3Page - ITT Industries 192900-0431 Datasheet HTML 4Page - ITT Industries 192900-0431 Datasheet HTML 5Page - ITT Industries 192900-0431 Datasheet HTML 6Page - ITT Industries 192900-0431 Datasheet HTML 7Page - ITT Industries 192900-0431 Datasheet HTML 8Page - ITT Industries 192900-0431 Datasheet HTML 9Page - ITT Industries 192900-0431 Datasheet HTML 10Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
35
Cannon Trident Connector System
Neptune Circular Connectors
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Drain Hole Type
ØB
ØC
A
Standard Type
Adapters
Type 1
Adapters facilitate the fitting of various
accessories to the Neptune housings.
External threads for use with conduit.
Shell
Part
Size
Number
Nomenclature
A
ØB
ØC
24
192900-0184
TNA 24 CA01-20L
52,80 (2.078)
40,50 (1.594)
31,80 (1.252)
24
192900-0185
TNA 24 CA01-25L
39,00 (1.535)
40,50 (1.594)
41,00 (1.614)
16
192900-0187
TNA 16 CA01-20L
35,00 (1.378)
28,00 (1.102)
31,80 (1.252)
Type 2
Adapters facilitate the fitting of various
accessories to the Neptune housings.
External grooves for heat shrink tubing
or conduit “push-fit” onto the adapter.
Standard type is recommended for
sealed connections to the adapter.
Drain hole type is recommended for
non sealed connections. E.g. split
conduit.
Shell
Size Figure Part Number
Nomenclature
A
ØB
ØC
24
1
192991-0013
TNA 24 CA02-26L
48,20 (1.897)
43,40 (1.708)
24,00 (.945)
24
2
192900-0654
TNA 24 CA22-26L
48,20 (1.897)
43,40 (1.708)
24,00 (.945)
16
1
192991-0015
TNA 16 CA02-18L
37,80 (1.488)
27,50 (1.082)
17,40 (.685)
16
2
192900-0674
TNA 16 CA22-18L
37,80 (1.488)
29,0 (1.14)
17,40 (.685)
Type 3
Adapters facilitate the fitting of various
accessories to the Neptune housings.
For use with a 90° elbow.
External threads for use with conduit.
Shell Size
Part Number
Nomenclature
A
ØB
24
192900-0226
TNA 24 CA03-34L
36,50 (1.437)
34,70 (1.366)


Similar Part No. - 192900-0431

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192900-0411 ITT-192900-0411 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192900-0411 ITT-192900-0411 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192900-0412 ITT-192900-0412 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192900-0412 ITT-192900-0412 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192900-0413 ITT-192900-0413 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
More results

Similar Description - 192900-0431

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
192990-0350 ITT-192990-0350 Datasheet
291Kb / 6P
   Cannon Trident Connector System Snap Together-Rectangular
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com