Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

192990-3330 Datasheet(PDF) 1 Page - ITT Industries

Part # 192990-3330
Description  Cannon Trident Connector System Snap Together-Rectangular
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

192990-3330 Datasheet(HTML) 1 Page - ITT Industries

  192990-3330 Datasheet HTML 1Page - ITT Industries 192990-3330 Datasheet HTML 2Page - ITT Industries 192990-3330 Datasheet HTML 3Page - ITT Industries 192990-3330 Datasheet HTML 4Page - ITT Industries 192990-3330 Datasheet HTML 5Page - ITT Industries 192990-3330 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6
Cannon Trident Connector System
Snap Together-Rectangular
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
These are low installed cost connectors
rated for up to 13 A and 250 V ac. They
are typically used for circuit board and
internal wiring applications. Snap
Together connectors facilitate easy
assembly and removal of equipment
such as motors, fans, transformers, etc.
Applications:
Circuit board connections.
Internal connections.
Product Features
Easy cost effective installation.
Integrally molded latches and
connector polarization.
Recognized under the component
program of UL Inc. and CSA.
Inter-connector discrimination facilities
available.
Accepts formed (stamped) or
machined contacts, see page 47.
Performance Specifications
Operating Voltage
250 V ac rms
Contact Current Rating
Up to 13 A (For derating curve, see page 44)
Temperature Range
–55°C to 105°C (–67°F to 221°F) for Free
Plug and Panel Receptacles
–40°C to 105°C (–40°F to 221°F) for PCB
Mounted Receptacles
Insulation Resistance
5000 M
Ω at 500 V dc
Connector Latching Force
150 N min. with latches engaged
Test Voltage
2000 V ac for 60 secs
Panel Retention Force
500 N min.
Materials and Finishes
Description
Material
Finish
Insulator
Black Nylon, UL 94V-0
None


Similar Part No. - 192990-3330

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-3230 ITT-192990-3230 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192990-3240 ITT-192990-3240 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192990-3250 ITT-192990-3250 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192990-3260 ITT-192990-3260 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
192990-3270 ITT-192990-3270 Datasheet
5Mb / 96P
   A historical Achievement of technology Leadership
More results

Similar Description - 192990-3330

ManufacturerPart #DatasheetDescription
logo
ITT Industries
192990-0960 ITT-192990-0960 Datasheet
173Kb / 4P
   Cannon Trident Connector System Snap Together-Slimline
192900-0014 ITT-192900-0014 Datasheet
457Kb / 10P
   Cannon Trident Connector System Neptune Circular Connectors
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
   Cannon Trident Series
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   CANNON TRIDENT SERIES
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
   Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
   Cannon Trident Series
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
   Cannon Trident Series
logo
FCI connector
86303641B FCI-CONNECTOR-86303641B Datasheet
59Kb / 1P
   SNAP TOGETHER
logo
ITT Industries
DEU-9S-A197-F0 ITT-DEU-9S-A197-F0 Datasheet
42Kb / 1P
   Cannon
SLE ITT-SLE Datasheet
388Kb / 14P
   Snap-Lock Environmentally Sealed - Rectangular
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com