Electronic Components Datasheet Search |
|
PMEG2010EJ Datasheet(PDF) 7 Page - NXP Semiconductors |
|
PMEG2010EJ Datasheet(HTML) 7 Page - NXP Semiconductors |
7 / 12 page 7 Matched pair transistors are double transistors with matched current gain h FE1/hFE2 and matched base-emitter voltage VBE1 - VBE2.The optimal product for the most common applications is offered by means of several matching-categories and different pinning options. Internally the transistors are fully isolated. Key features - Current gain matching: h FE1/hFE2 = 0.7, 0.9, 0.95, 0.98 - Base-emitter voltage matching: V BE1 - VBE2 = 2 mV - Standard double transistor pin-out for BCM-types - Application optimized pin-out for all PMP-types - Common emitter configuration for 5pin PMP-types Matched pair transistors SOT143B SOT457 (SC-74) SOT353 (SC-88A) SOT363 (SC-88) P tot max. 250 mW 380 mW 300 mW 300 mW Polarity I C (mA) V CEO (V) h FE min. h FE max. h FE1/hFE2 V BE1 - VBE2 (mV) NPN 100 30 110 800 0.7 n.a. BCV61/A/B/C 45 200 450 0.9 2 BCM61B 0.9 2 BCM847DS BCM847BS 0.95 2 PMP4501G PMP4501Y 0.98 2 PMP4201G PMP4201Y PNP 100 30 110 800 0.7 n.a. BCV62/A/B/C 45 200 450 0.9 2 BCM62B 0.9 2 BCM857DS BCM857BS 0.95 2 PMP5501G PMP5501Y 0.98 2 PMP5201G PMP5201Y Key benefits - Improved performance of current mirror and differential amplifier circuits - Drop-in replacement for standard double transistors (BCM-series) - Simplified board layout (PMP-series) - Eliminates need for costly additional trimming Key applications - Current mirror e.g. for current measurement or to drive LED’s with a constant current - Differential amplifier e.g. sensor signal amplification - Comparator e.g. for DC/DC converters Vout Vin Rsense Vsense MSE265 Current sensor using matched pairs |
Similar Part No. - PMEG2010EJ |
|
Similar Description - PMEG2010EJ |