Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3010EJ Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMEG3010EJ
Description  Low VCEsat (BISS) transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3010EJ Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMEG3010EJ Datasheet HTML 2Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 3Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 4Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 5Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 6Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 7Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 8Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 9Page - NXP Semiconductors PMEG3010EJ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Combining a BISS transistor with a RET, BISS Loadswitches provide full
miniature loadswitch functionality in a single package and deliver
best-in-class performance.
Key features
- BISS transistor and RET in one package
- Low “threshold” voltage (< 1 V) compared
to MOSFET
- Small drive power required
- Best-in-class performance for loadswitches
- Available for switching loads of 0.5 – 1 A
BISS Loadswitches
SOT457 (SC-74)
SOT363 (SC-88)
I
C (A)
V
CEO (V)
V
CEsat (mV)
@ 500 mA
R1 = R2 (kΩ)
0.5
40
350
2.2
PBLS4001Y
4.7
PBLS4002Y
10
PBLS4003Y
22
PBLS4004Y
47
PBLS4005Y
1.0
40
170
2.2
PBLS4001D
4.7
PBLS4002D
10
PBLS4003D
22
PBLS4004D
47
PBLS4005D
60
180
2.2
PBLS6001D
4.7
PBLS6002D
10
PBLS6003D
22
PBLS6004D
47
PBLS6005D
Key benefits
- Integrated on-the-shelve solution for
switching loads
• Saves design and sourcing costs
• Reduction in boardspace requirements
• Just one or two external resistors needed
for full loadswitch capability
- Combination of low voltage drop and low
base drive current
• BISS transistor in the power path provides
the lowest energy-losses
• RET in the control path provides a low
base drive current
Key applications
- Supply line switches, e.g. in control units
- Control of lamps, motors and switches,
e.g. instrument clusters
- High side switches for drivers
MSE336
Tr1
Low VCEsat
(BISS)
Tr2
(RET)
R1
R2
GND
Control
input
Power
supply
Load
Loadswitch


Similar Part No. - PMEG3010EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3010EJ PHILIPS-PMEG3010EJ Datasheet
75Kb / 12P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-11 April 2005
PMEG3010EJ NXP-PMEG3010EJ Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
logo
Nexperia B.V. All right...
PMEG3010EJ NEXPERIA-PMEG3010EJ Datasheet
659Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04 - 20 March 2007
More results

Similar Description - PMEG3010EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4230T PHILIPS-PBSS4230T Datasheet
47Kb / 7P
   NPN low VCEsat (BISS) transistor
2003 Sep 29
logo
Nexperia B.V. All right...
PBSS4330X NEXPERIA-PBSS4330X Datasheet
421Kb / 13P
   NPN low VCEsat (BISS) transistor
2004 Dec 06
logo
NXP Semiconductors
PBSS4120T PHILIPS-PBSS4120T_15 Datasheet
267Kb / 7P
   NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS4130T PHILIPS-PBSS4130T_15 Datasheet
55Kb / 7P
   NPN low VCEsat (BISS) transistor
2003 Nov 27
PBSS4160T PHILIPS-PBSS4160T_15 Datasheet
370Kb / 10P
   NPN low VCEsat (BISS) transistor
2004 May 12
PBSS4230T PHILIPS-PBSS4230T_15 Datasheet
275Kb / 7P
   NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS5440D PHILIPS-PBSS5440D_15 Datasheet
197Kb / 13P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02-14 December 2009
logo
Nexperia B.V. All right...
PBSS5440D NEXPERIA-PBSS5440D Datasheet
311Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009
logo
NXP Semiconductors
PBSS4440D PHILIPS-PBSS4440D_15 Datasheet
189Kb / 13P
   40 V NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS302PD PHILIPS-PBSS302PD Datasheet
134Kb / 14P
   40 V PNP low VCEsat (BISS) transistor
Rev. 01-18 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com