Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA04H0SK1 Datasheet(PDF) 1 Page - ITT Industries

Part # TDA04H0SK1
Description  Ultra-miniature Surface Mount Half-pitch DIP Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TDA04H0SK1 Datasheet(HTML) 1 Page - ITT Industries

  TDA04H0SK1 Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-5
I
C&K TDA Series
Ultra-miniature Surface Mount Half-pitch DIP Switches
How To Order
Complete part numbers for TDA Series are shown below. All switches supplied in “OFF” position.
Specifications
SWITCH FUNCTION: SPST – 2, 4, 6, 8 & 10 positions.
CONTACT RATING:
24 V DC, 25 mA (switching).
50 V DC, 100 mA (steady state).
MECHANICAL AND ELECTRICAL LIFE: 1,000 cycles.
CONTACT RESISTANCE: 100 milliohms max.
INSULATION RESISTANCE: 100 megohms @ 100 V DC min.
DIELECTRIC STRENGTH: 300 V AC min.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING TEMPERATURE: -20°C to 85°C.
OPERATING FORCE: 4,9N max.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
Features/Benefits
Bifurcated contact for increased
electrical reliability
Tin-lead plated terminals for
reliable solder coverage
Process sealed for surface
mount soldering and washable
processing
RoHS compliant - options available
TAPE SEAL
.016
(0,4)
.086
(2,2)
.090
(2,3)
.022
(0,57)
.042
(1,06)
.320
(8,12)
.006
(0,15)
.244
(6,2)
MARKING LABEL
EMBOSSED
CARRIER
PIN#1
OFFSET FROM PILOT HOLE
.079 REF
(2,0)
DIM 'W'
SEE CHART
.472
(12,0)
.236
(6,0)
78
6
5
4
3
2
1
ON
TDA08
C&K
.032
(0,8)
CHAMFER
.047
(1,2)
.050
(1,27)
DIM 'A'
.018
(0,45)
.030
(0,76)
.050
(1,27)
.300
(7,62)
.250
(6,35)
.350
(8,89)
PACKAGING: Switches supplied in rigid dispensing tubes in full
tube quantities only, this may affect order quantity. Numbers of
switches per tube varies with model. Tape and reel packaging
also available.
Materials
CASE & COVER: Tin Lead, Version PPA (UL94V-0)
RoHS, Version PPS (UL94V-0)
ACTUATOR: LCP (UL94V-0).
CONTACTS: Copper alloy, with gold plate over nickel plate.
TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
RoHS version, copper alloy, with gold flash over nickel plate.
All terminals are insert molded.
TAPE SEAL: Polyimide.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Tube Package
Tape & Reel Package
TDA08H0SK1
Typical Applications
Hand-held electronic devices
Portable computer and
electronic devices
Instrumentation and controls
ROHS
TIN LEAD
NO.
QUANTITY
PART NUMBER
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
TDA02H0SB1 TDA02H0SK1
2
.144 (3,67)
125
TDA04H0SB1 TDA04H0SK1
4
.244 (6,21)
70
TDA06H0SB1 TDA06H0SK1
6
.344 (8,75)
50
TDA08H0SB1 TDA08H0SK1
8
.444 (11,29)
40
TDA10H0SB1 TDA10H0SK1
10
.544 (13,83)
30
Schematic
SPST
ROHS
TIN LEAD
NO.
QUANTITY
PART NUMBER
PART NUMBER
POS.
DIM. ‘W’
PER TUBE
TDA02H0SB1R TDA02H0SK1R
2
.630 (16,0)
2000
TDA04H0SB1R TDA04H0SK1R
4
.630 (16,0)
2000
TDA06H0SB1R TDA06H0SK1R
6
.630 (16,0)
2000
TDA08H0SB1R TDA08H0SK1R
8
.945 (24,0)
2000
TDA10H0SB1R TDA10H0SK1R
10
.945 (24,0)
2000


Similar Part No. - TDA04H0SK1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA04H0SK1 ETC1-TDA04H0SK1 Datasheet
44Kb / 1P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
TDA04H0SK1R ETC1-TDA04H0SK1R Datasheet
44Kb / 1P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
More results

Similar Description - TDA04H0SK1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA10H0SK1R ETC1-TDA10H0SK1R Datasheet
44Kb / 1P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
C&K Components
TDA CK-COMPONENTS-TDA_V01 Datasheet
242Kb / 3P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
TDA01H0SB1 CK-COMPONENTS-TDA01H0SB1 Datasheet
233Kb / 3P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
TDA CK-COMPONENTS-TDA Datasheet
142Kb / 2P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
TDP CK-COMPONENTS-TDP_V01 Datasheet
326Kb / 3P
   Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
ITT Industries
TDP08H0SBD1 ITT-TDP08H0SBD1 Datasheet
188Kb / 2P
   Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
Grayhill, Inc
97C08ST GRAYHILL-97C08ST Datasheet
110Kb / 1P
   Half Pitch DIP Switches
logo
E-SWITCH
KAD E-SWITCH-KAD Datasheet
408Kb / 1P
   DIP SWITCHES - HALF PITCH
logo
Grayhill, Inc
97C06SR GRAYHILL-97C06SR Datasheet
47Kb / 1P
   Half Pitch DIP Switches
97C06SRTRT GRAYHILL-97C06SRTRT Datasheet
351Kb / 1P
   Surface Mount DIP Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com