Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM1327NTM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OM1327NTM
Description  1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703408
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM1327NTM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OM1327NTM Datasheet HTML 1Page - List of Unclassifed Manufacturers OM1327NTM Datasheet HTML 2Page - List of Unclassifed Manufacturers OM1327NTM Datasheet HTML 3Page - List of Unclassifed Manufacturers OM1327NTM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.5 - 31
3.5
OM1327NTM, OM1327STM, OM1327NKM, OM1327SMM, OM1327NMM, OM1327N2M
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Reference Voltage
VREF
V
DIFF  = 3.0V, TA = 25°C
-1.262
-1.235
V
DIFF  = 3.0V
-1.28
-1.22
V
V
DIFF  = 40V, TA = 25°C
-1.28
-1.22
V
DIFF  = 40V
-1.28
-1.22
V
DIFF  = 50V, TA = 25°C
-1.28
-1.22
V
DIFF  = 50V
-1.28
-1.22
Line Regulation
RLINE
3.0 V ≤
V
DIFF  ≤ 50V, TA = 25°C
-10
10
(Note 1)
-25
25
mV
Load Regulation
RLOAD
V
DIFF  50V, 8mA ≤ IL ≤ 100 mA, TA = 25°C
-25
25
(Note 1)
V
DIFF  = 5V, 8mA ≤ IL ≤ 500 mA, TA = 25°C
-31
31
mV
-50
50
Thermal Regulation
VRTH
Vin = -16.25V, IL = 330 mA
-2
2
mV
Pd = 5 Watts, t = 10 ms, TA = 25°C
Ripple Rejection
RN
f = 120 Hz, Vout = Vref
66
dB
(Note 2)
CAdj = 10 µF
Adjustment Pin Current
IAdj
V
DIFF  = 3.0V
100
V
DIFF  = 40V
100
µA
V
DIFF  = 50V
100
Adjustment Pin
∆IAdj
V
DIFF  = 5V, 8mA ≤ Iout ≤ 200 mA
-5
5
µA
Current Change
3V ≤
V
DIFF  ≤ 50V, IL ≤8mA
-6
6
Miminum Load Current
ILmin
V
DIFF  = 3.0V, Vout = -1.4V (forced)
3.0
V
DIFF  = 10V, Vout = -1.4V (forced)
3.0
mA
V
DIFF  = 40V, Vout = -1.4V (forced)
5.0
V
DIFF  = 50V, Vout = -1.4V (forced)
5.0
Current Limit
ICL
V
DIFF  = 5V
0.5
1.8
(Note 2)
V
DIFF  = 50V, TA = 25°C
0.1
0.65
A
Notes:
1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
*Cin is required if regulator is located more
than 4 inches from power supply filter. A 1 µF
solid tantalum or 10 µF aluminum electrolytic is
recommended.
** Co is necessary for stability. A 1 µF solid
tantalum or 10 µF aluminum electrolytic is
recommended.
Vout = -1.25 V (1 +R2)
R1
OM1327STM
1.0µF
1.0µF
-VIN
-VOUT
VOUT
VIN
IAdj
IPROG
CIN*CO**
R2
R1
120Ω
+
+
TYPICAL APPLICATION
ELECTRICAL CHARACTERISTICS -55°C ≤ T
A ≤ 125°C, IL = 8mA (unless otherwise specified)
OM1327N2M


Similar Part No. - OM1327NTM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM1320 IRF-OM1320 Datasheet
42Kb / 4P
   Similar To Industry Standard LM117
logo
List of Unclassifed Man...
OM1320N2M ETC-OM1320N2M Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
International Rectifier
OM1320N2M IRF-OM1320N2M Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
logo
List of Unclassifed Man...
OM1320N2M ETC2-OM1320N2M Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
OM1320NKM ETC-OM1320NKM Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
More results

Similar Description - OM1327NTM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1322ST ETC-OM1322ST Datasheet
38Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703403
OM1323 ETC1-OM1323 Datasheet
38Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703404
OM1320STM ETC-OM1320STM Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
International Rectifier
OM1321SMM IRF-OM1321SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
OM1326SMM ETC2-OM1326SMM Datasheet
43Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703407
logo
International Rectifier
OM1320SMM IRF-OM1320SMM Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
OM1324SMM IRF-OM1324SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405
logo
List of Unclassifed Man...
OM1321SMM ETC1-OM1321SMM Datasheet
40Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402
logo
International Rectifier
7703401UA IRF-7703401UA Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
logo
List of Unclassifed Man...
7703401TA ETC2-7703401TA Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com