Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF0256M-07ATXX Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # MF0256M-07ATXX
Description  8/16-bit Data Bus Flash ATA PC Card
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF0256M-07ATXX Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button MF0256M-07ATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF0256M-07ATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF0256M-07ATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF0256M-07ATXX Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF0256M-07ATXX Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MF0256M-07ATXX Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MF0256M-07ATXX Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MF0256M-07ATXX Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MF0256M-07ATXX Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
MITSUBISHI STORAGE CARD
Preliminary
ATA PC CARDS
MITSUBISHI
ELECTRIC
11
Oct.1999 Rev. 0.2
CIS Information
CIS informatoins are defined as follows.
Offset
Data
7
6
5
4
3
2
1
0
Description
0000h
01h
CISTPL_DEVICE
Common Memory device information
0002h
03h
TPL_LINK
Link to next tuple
Device Type=Dh : Function specific
0004h
D9h
Device Type
WPS
Device Speed
WPS=1
: No WPS
Device Speed=1 : 250ns
0006h
01h
1x
2K
2kBytes of address space
0008h
FFh
Marks end of Device Info fields
000Ah
1Ch
CISTPL_DEVICE_OC
Other Conditions Device information
000Ch
05h
TPL_LINK
Link to next tuple
000Eh
02h
EXT
Reserved
Vcc
MWAIT
EXT=0, Vcc=5.0V, Wait is not used.
Device Type=Dh : Function specific
0010h
DFh
Device Type
WPS
Device Speed
WPS=1
: No WPS
Device Speed=250ns
0012h
01h
1x
2K
2kbytes of address space
0014h
FFh
Marks end of Other Conditions Device Info
0016h
1Ch
CISTPL_DEVICE_OC
Other Conditions Device information
0018h
04h
TPL_LINK
Link to next tuple
001Ah
02h
EXT
Reserved
Vcc
MWAIT
EXT=0, Vcc=3.3V, Wait is not used.
Device Type=Dh : Function specific
001Ch
D9h
Device Type
WPS
Device Speed
WPS=1
: No WPS
Device Speed=250ns
001Eh
01h
1x
2K
2kbytes of address space
0020h
FFh
Marks end of Other Conditions Device Info
0022h
18h
CISTPL_JEDEC_C
JEDEC Identifier Tuples
0024h
02h
TPL_LINK
Link to next tuple
0026h
DFh
JEDEC identifier for first device info entry.
PC Card ATA
0028h
01h
JEDEC identifiers for remaining device info entries.
with no Vpp require for any operation
002Ah
20h
CISTPL_MANFID
Manufacturer Identification Tuple
002Ch
04h
TPL_LINK
Link to next tuple
002Eh
1Ch
PC Card manufacturer code
001Ch
0030h
00h
0032h
01h
manufacturer information
0001h
0034h
00h
0036h
15h
CISTPL_VERS_1
Level 1 Version / Product Information
0038h
26h
TPL_LINK
Link to next tuple
003Ah
04h
TPLLV1_MAJOR
PCMCIA2.0 / JEIDA4.1
003Ch
01h
TPLLV1_MINOR
PCMCIA2.0 / JEIDA4.1
003Eh
4Dh
TPLLV1_INFO
M
0040h
49h
I
0042h
54h
T
0044h
53h
S
0046h
55h
U
0048h
42h
B
004Ah
49h
I
004Ch
53h
S
004Eh
48h
H
0050h
49h
I
0052h
00h
0054h
41h
A
0056h
54h
T
0058h
41h
A
005Ah
20h
005Ch
43h
C
005Eh
41h
A
0060h
52h
R
0062h
44h
D
0064h
00h


Similar Part No. - MF0256M-07ATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF0256M-07BTXX MITSUBISHI-MF0256M-07BTXX Datasheet
222Kb / 31P
   8/16-bit Data Bus Flash ATA PC Card
More results

Similar Description - MF0256M-07ATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF0064M-07BTXX MITSUBISHI-MF0064M-07BTXX Datasheet
222Kb / 31P
   8/16-bit Data Bus Flash ATA PC Card
MF007M5-03ATXX MITSUBISHI-MF007M5-03ATXX Datasheet
841Kb / 29P
   8/16-bit Data Bus Flash ATA PC Card
MF0032M-11ATXX MITSUBISHI-MF0032M-11ATXX Datasheet
584Kb / 32P
   8/16-bit Data Bus Flash ATA PC Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com