Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-CB16 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-CB16
Description  T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CB16 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-CB16 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CB16 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CB16 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CB16 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
T-1 3/4 (5 mm) Precision
Optical Performance
InGaN Blue and Green LEDs
SunPower Series
HLMP-CB15 HLMP-CM15
HLMP-CB16 HLMP-CM16
HLMP-CB30 HLMP-CM30
HLMP-CB31 HLMP-CM31
Technical Data
Features
• Smooth, Consistent Spatial
Radiation Patterns
• Viewing Angles: 15˚ and 30˚
• High Luminous Output
• Colors: 472 nm Blue,
526 nm Green
• Superior Resistance to
Moisture
Benefits
• Superior Performance in
Outdoor Environments
• Wavelengths Suitable for
Color Mixing in Full Color
(RGB) Signs
• Color to Color Consistency
of Radiation Patterns (CBxx
to CMxx to HLMP-EGxx
Red) Enables Sign Color
Uniformity at All Angles
Applications
• Commercial Outdoor Signs
• Automotive Interior Lights
• Front Panel Indicators
• Front Panel Backlighting
Description
These high intensity blue and
green LEDs are based on InGaN
material technology. InGaN is the
most efficient and cost effective
material for LEDs in the blue and
green region of the spectrum.
The 472 nm typical dominant
wavelength for blue and 526 nm
typical dominant wavelength for
green are well suited to color
mixing in full color signs.
These LED lamps are untinted,
nondiffused, T-1 3/4 packages
incorporating second generation
optics producing well defined
spatial radiation patterns at
specific viewing cone angles.
These lamps are made with an
advanced optical grade epoxy,
offering superior temperature
and moisture resistance in
outdoor signal and sign
applications. The high maximum
LED junction temperature limit of
+130˚C enables high
temperature operation in bright
sunlight conditions. The package
epoxy contains both UV-a and
UV-b inhibitors to reduce the
effects of long term exposure to
direct sunlight.
These lamps are available in two
viewing angle options and two
package options to give the
designer flexibility with optical
design and device mounting.
CAUTION: HLMP-CBxx LEDs and -CMxx’s are Class 1 ESD sensitive. Please observe
appropriate precautions during handling and processing. Refer to Agilent Application Note
AN-1142 for additional details.


Similar Part No. - HLMP-CB16

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB16 AVAGO-HLMP-CB16 Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB16-P0000 AVAGO-HLMP-CB16-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB16-P00DD AVAGO-HLMP-CB16-P00DD Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB16-P00XX AVAGO-HLMP-CB16-P00XX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB16-QT000 AVAGO-HLMP-CB16-QT000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
More results

Similar Description - HLMP-CB16

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE23 HP-HLMP-CE23 Datasheet
158Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM15-S0000 AVAGO-HLMP-CM15-S0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CB15-P0000 AVAGO-HLMP-CB15-P0000 Datasheet
367Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
HLMP-CM30-M0000 AVAGO-HLMP-CM30-M0000 Datasheet
306Kb / 11P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
logo
Broadcom Corporation.
HLMP-CB1G-XZ0DD BOARDCOM-HLMP-CB1G-XZ0DD Datasheet
977Kb / 14P
   T-1쩐 (5 mm) InGaN Blue and Green LEDs
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com