Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD2DRBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD2DRBR
Description  SINGLE M-LVDS RECEIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD2DRBR Datasheet(HTML) 5 Page - Texas Instruments

  SN65MLVD2DRBR Datasheet HTML 1Page - Texas Instruments SN65MLVD2DRBR Datasheet HTML 2Page - Texas Instruments SN65MLVD2DRBR Datasheet HTML 3Page - Texas Instruments SN65MLVD2DRBR Datasheet HTML 4Page - Texas Instruments SN65MLVD2DRBR Datasheet HTML 5Page - Texas Instruments SN65MLVD2DRBR Datasheet HTML 6Page - Texas Instruments SN65MLVD2DRBR Datasheet HTML 7Page - Texas Instruments SN65MLVD2DRBR Datasheet HTML 8Page - Texas Instruments SN65MLVD2DRBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
RECEIVER SWITCHING CHARACTERISTICS
SN65MLVD2
SN65MLVD3
SLLS767 – NOVEMBER 2006
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
2
6
ns
tPHL
Propagation delay time, high-to-low-level output
2
6
ns
tr
Output signal rise time
1
2.3
tf
Output signal fall time
CL = 15 pF, See Figure 2
1
2.3
ns
Type 1
90
210
tsk(p)
Pulse skew (|tPHL– tPLH|)
ps
Type 2
45
250
tsk(pp)
Part-to-part skew
1
ns
tjit(per)
Period jitter, rms (1 standard deviation)(2)
125 MHz clock input
10
ps
tjit(c-c)
Cycle-to-cycle jitter, rms(3)
125 MHz clock input(4)
8
ps
Type 1
500
ps
tjit(det)
Deterministic jitter(2)
250 Mbps 215-1 PRBS input(5)
Type 2
450
ps
Type 1
8
ps
tjit(ran)
Random jitter(2)
250 Mbps 215-1 PRBS input(5)
Type 2
8
ps
tPZH
Enable time, high-impedance-to-high-level output
CL = 15 pF, See Figure 3
15
ns
tPZL
Enable time, high-impedance-to-low-level output
CL = 15 pF, See Figure 3
15
ns
tPHZ
Disable time, high-level-to-high-impedance output
CL = 15 pF, See Figure 3
10
ns
tPLZ
Disable time, low-level-to-high-impedance output
CL = 15 pF, See Figure 3
10
ns
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(2)
Jitter measured by triggering off of the input source to track out the associated input jitter.
(3)
Stimulus jitter has been subtracted from the numbers.
(4)
Measured over 75K samples
(5)
Measured over BER = 10–6.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
A
6
I
M-LVDS Non-inverting input
B
7
I
M-LVDS Inverting input
R
3
O
Data output from receivers
RE
2
I
Receiver enable, active low, enables all receivers
GND
4, 5
Circuit ground
VCC
1, 8
Supply voltage
DEVICE FUNCTION TABLES
TYPE-1 RECEIVER (SN65MLVD2)
TYPE-2 RECEIVER (SN65MLVD3)
INPUTS(1)
OUTPUT(1)
INPUTS(1)
OUTPUT(1)
VID = VA– VB
RE
R
VID = VA– VB
RE
R
VID ≥ 35 mV
L
H
VID ≥ 135 mV
L
H
–35 mV
≤ V
ID ≤ 35 mV
L
?
65 mV
≤ V
ID ≤ 135 mV
L
?
VID ≤– 35 mV
L
L
VID ≤ 65 mV
L
L
X
H
Z
X
H
Z
X
Open
Z
X
Open
Z
Open Circuit
L
?
Open Circuit
L
L
(1)
H=high level, L=low level, Z=high impedance, X=Don’t care, ?=indeterminate
5
Submit Documentation Feedback


Similar Part No. - SN65MLVD2DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD200 TI-SN65MLVD200 Datasheet
336Kb / 23P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
SN65MLVD200 TI1-SN65MLVD200 Datasheet
1Mb / 31P
[Old version datasheet]   MULTIPOINT?밚VDS LINE DRIVERS AND RECEIVERS
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200AD TI-SN65MLVD200AD Datasheet
547Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results

Similar Description - SN65MLVD2DRBR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
   Single/Dual LVDS Receivers
logo
Texas Instruments
SN65MLVD048 TI-SN65MLVD048_1 Datasheet
696Kb / 20P
[Old version datasheet]   QUAD CHANNEL M-LVDS RECEIVERS
SN65MLVD048 TI-SN65MLVD048 Datasheet
480Kb / 18P
[Old version datasheet]   QUAD CHANNEL M-LVDS RECEIVERS
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
   Quad LVDS Receivers
logo
STMicroelectronics
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
   Rad-hard quad LVDS receivers
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171 Datasheet
185Kb / 11P
   SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
MAX9171 MAXIM-MAX9171_07 Datasheet
291Kb / 12P
   Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
logo
Texas Instruments
SN65LVDS049 TI-SN65LVDS049_05 Datasheet
191Kb / 12P
[Old version datasheet]   DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
SN65LVDS049 TI-SN65LVDS049_09 Datasheet
370Kb / 14P
[Old version datasheet]   DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
SN65MLVD200 TI-SN65MLVD200 Datasheet
336Kb / 23P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com