Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1928 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LB1928
Description  Three-Phase Brushless Motor Driver for Office Automation Equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1928 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LB1928 Datasheet HTML 3Page - Sanyo Semicon Device LB1928 Datasheet HTML 4Page - Sanyo Semicon Device LB1928 Datasheet HTML 5Page - Sanyo Semicon Device LB1928 Datasheet HTML 6Page - Sanyo Semicon Device LB1928 Datasheet HTML 7Page - Sanyo Semicon Device LB1928 Datasheet HTML 8Page - Sanyo Semicon Device LB1928 Datasheet HTML 9Page - Sanyo Semicon Device LB1928 Datasheet HTML 10Page - Sanyo Semicon Device LB1928 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LB1928
No. 6198-8/11
Pin number
16
17
18
19
20
22
21
24
23
26
25
27
Pin name
FG
OUT
FGIN–
FGIN+
S/S
GND1
IN1+
IN1–
IN2+
IN2–
IN3+
IN3–
F/R
Equivalent circuit
Pin function
FG amplifier output pin.
FG amplifier input pin.
By connecting a capacitor (approx. 0.1
µF)
between FGIN+ and ground, the logic circuitry
is reset.
Start/stop control pin.
Start (Low): 0V to 1.5V
Stop (High): 3.5V to VREG
High when open.
Hysteresis width: approx. 0.5V.
Ground pin (except for output block).
Hall input pins.
High when IN+ > IN–, Low when IN+ < IN–.
Hall signal should have an amplitude of at least
100 mVp–p (differential operation). When Hall
signal noise is a problem, connect a capacitor
between IN+ and IN–.
Forward/reverse control pin.
Forward (Low): 0V to 1.5V
Reverse (High): 3.5V to VREG
High when open.
Hysteresis width: approx. 0.5V.
Continued from preceding page
16
VREG
FG schmitt comparator
A12993
18
17
300
300
VREG
FG reset circuit
A12994
19
2k
VREG
A12995
22
24
26
300
25
23
21
300
VREG
A12996
27
2k
VREG
A12997


Similar Part No. - LB1928

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1928 SANYO-LB1928 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
logo
ON Semiconductor
LB1928 ONSEMI-LB1928 Datasheet
272Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
More results

Similar Description - LB1928

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
   Three-Phase Brushless Motor Driver for Office Equipment Applications
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
LB1820 SANYO-LB1820 Datasheet
77Kb / 7P
   Office Automation-Use 3-Phase Brushless Motor Driver
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com