Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1928 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB1928
Description  Three-Phase Brushless Motor Driver for Office Automation Equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1928 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LB1928 Datasheet HTML 2Page - Sanyo Semicon Device LB1928 Datasheet HTML 3Page - Sanyo Semicon Device LB1928 Datasheet HTML 4Page - Sanyo Semicon Device LB1928 Datasheet HTML 5Page - Sanyo Semicon Device LB1928 Datasheet HTML 6Page - Sanyo Semicon Device LB1928 Datasheet HTML 7Page - Sanyo Semicon Device LB1928 Datasheet HTML 8Page - Sanyo Semicon Device LB1928 Datasheet HTML 9Page - Sanyo Semicon Device LB1928 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LB1928
No. 6198-6/11
Pin number
28
1
2
3
5
4
6
7
8
9
10
Pin name
OUT1
OUT2
OUT3
GND2
VM
VCC
VREG
PWM
CSD
XI
XO
Equivalent circuit
Pin Description
Pin function
Motor drive output pins.
Connect a Schottky diode between these
outputs and VCC.
Output ground pin.
Output block power supply and output
current detection pin.
Connect a resistor (Rf) between this pin and
VCC to detect the output current as a voltage.
The output current is limited according to the
equation IOUT = VRF/Rf.
Power supply pin (except for output block)
Regulated power supply output pin (5V
output)
Connect a capacitor (approx. 0.1
µF) between
this pin and ground to stabilize the output.
PWM frequency setting pin.
Connect a capacitor between this pin and
ground.
C = 3900 pF results in a frequency of about
18 kHz.
Lock protection circuit operation time
setting pin.
Connecting a capacitor of about 10
µF
between this pin and ground results in a
protection circuit operation time of about 3.3
seconds.
Quartz oscillator pins.
Connect to quartz oscillator to generate the
reference clock.
When an external clock (of several MHz) is
used, the clock signal should be input via a
resistor of about 5.1 k
Ω connected in series
with the XI pin. In this case, the XO pin must
be left open.
Continued on next page
5
3
1
2
28
VCC
300
VM
A12983
6
VCC
A12984
7
200
2k
VREG
A12985
10
9
VREG
A12987
8
300
1k
VREG
A12986


Similar Part No. - LB1928

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1928 SANYO-LB1928 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
logo
ON Semiconductor
LB1928 ONSEMI-LB1928 Datasheet
272Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
More results

Similar Description - LB1928

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
   Three-Phase Brushless Motor Driver for Office Equipment Applications
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
LB1820 SANYO-LB1820 Datasheet
77Kb / 7P
   Office Automation-Use 3-Phase Brushless Motor Driver
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com