Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8509-100ANRM Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL8509-100ANRM
Description  Low Voltage Detector with Built-in Delay Circuit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8509-100ANRM Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8509-100ANRM Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8509-100ANRM Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8509-100ANRM Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8509-100ANRM Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8509-100ANRM Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8509-100ANRM Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8509-100ANRM Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8509-100ANRM Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8509-100ANRM Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
http://www.belling.com.cn
- 6-
8/8/2006
Total 17 Pages
BL8509
Electrical Characteristics By Detector Threshold
Detector Threshold
Supply Current1
Supply Current2
-Vdet[V]
Iss1[uA]
Iss2[uA]
Part Number
Min.
Typ.
Max.
Condition
Typ.
Max.
Condition
Typ.
Max.
BL8509-0900XXXXX
0.882
0.900
0.918
BL8509-1000XXXXX
0.980
1.000
1.020
BL8509-1100XXXXX
1.078
1.100
1.122
BL8509-1200XXXXX
1.176
1.200
1.224
BL8509-1300XXXXX
1.274
1.300
1.326
BL8509-1400XXXXX
1.372
1.400
1.428
BL8509-1500XXXXX
1.470
1.500
1.530
BL8509-1600XXXXX
1.568
1.600
1.632
BL8509-170XXXX
1.666
1.700
1.734
BL8509-180XXXX
1.764
1.800
1.836
BL8509-190XXXX
1.862
1.900
1.938
1.0
1.5
BL8509-200XXXX
1.960
2.000
2.040
BL8509-210XXXX
2.058
2.100
2.142
BL8509-220XXXX
2.156
2.200
2.244
BL8509-230XXXX
2.254
2.300
2.346
BL8509-240XXXX
2.352
2.400
2.448
BL8509-250XXXX
2.450
2.500
2.550
BL8509-260XXXX
2.548
2.600
2.652
BL8509-270XXXX
2.646
2.700
2.754
BL8509-280XXXX
2.744
2.800
2.856
BL8509-290XXXX
2.842
2.900
2.958
BL8509-300XXXX
2.940
3.000
3.060
BL8509-310XXXX
3.038
3.100
3.162
BL8509-320XXXX
3.136
3.200
3.264
BL8509-330XXXX
3.234
3.300
3.366
BL8509-340XXXX
3.332
3.400
3.468
BL8509-350XXXX
3.430
3.500
3.570
BL8509-360XXXX
3.528
3.600
3.672
BL8509-370XXXX
3.626
3.700
3.774
BL8509-380XXXX
3.724
3.800
3.876
BL8509-390XXXX
3.822
3.900
3.978
BL8509-400XXXX
3.920
4.000
4.080
BL8509-410XXXX
4.018
4.100
4.182
BL8509-420XXXX
4.116
4.200
4.284
BL8509-430XXXX
4.214
4.300
4.386
BL8509-440XXXX
4.312
4.400
4.488
BL8509-450XXXX
4.410
4.500
4.590
BL8509-460XXXX
4.508
4.600
4.692
BL8509-470XXXX
4.606
4.700
4.794
BL8509-480XXXX
4.704
4.800
4.896
BL8509-490XXXX
4.802
4.900
4.998
BL8509-500XXXX
4.900
5.000
5.100
BL8509-510XXXX
4.998
5.100
5.202
BL8509-520XXXX
5.096
5.200
5.304
BL8509-530XXXX
5.194
5.300
5.406
BL8509-540XXXX
5.292
5.400
5.508
BL8509-550XXXX
5.390
5.500
5.610
BL8509-560XXXX
5.488
5.600
5.712
BL8509-570XXXX
5.586
5.700
5.814
BL8509-580XXXX
5.684
5.800
5.916
BL8509-590XXXX
5.782
5.900
6.018
BL8509-600XXXX
5.880
6.000
6.120
Vdd=
(-Vdet)
+0.1V
0.5
1.0
Vdd=
(-Vdet)
+2V
0.5
1.0


Similar Part No. - BL8509-100ANRM

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
BL8509CCB3BTR BELLING-BL8509CCB3BTR Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
BL8509CCB3TR BELLING-BL8509CCB3TR Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
More results

Similar Description - BL8509-100ANRM

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
   Low Voltage Detector with built-in Delay Circuit
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com