Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8505-301RN Datasheet(PDF) 8 Page - SHANGHAI BELLING CO., LTD.

Part # BL8505-301RN
Description  High Efficiency PFM Step-up DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8505-301RN Datasheet(HTML) 8 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8505-301RN Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8505-301RN Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8505-301RN Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8505-301RN Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8505-301RN Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8505-301RN Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8505-301RN Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8505-301RN Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8505-301RN Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.belling.com.cn
Ver1.1
8/10
BL8505
L=47uH
50
60
70
80
90
100
0
50
100
150
200
250
300
350
400
450
500
Output Current(mA)
Vin=0.9V
Vin=1.0V
Vin=1.5V
Vin=1.8V
Vin=2.0V
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
0
50
100
150
200
250
300
350
400
450
500
Output Current(mA)
Vin=0.9V
Vin=1.0V
Vin=1.5V
Vin=1.8V
Vin=2.0V
50
60
70
80
90
100
0
50
100
150
200
250
300
350
400
450
500
Output Current(mA)
Vin=0.9V
Vin=1.0V
Vin=1.5V
Vin=1.8V
Vin=2.0V
Vin=2.5V
L=10uH
L=47uH


Similar Part No. - BL8505-301RN

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
   Step down DC/DC controller
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
BL8503 BELLING-BL8503 Datasheet
533Kb / 13P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
BL8503-12C1AB BELLING-BL8503-12C1AB Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
BL8503-12C1RM BELLING-BL8503-12C1RM Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
More results

Similar Description - BL8505-301RN

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
   High efficiency PFM step-up DC/DC converter
logo
Power IC Ltd.
PS0021 PICSEMI-PS0021 Datasheet
519Kb / 12P
   High Efficiency PFM Step-up DC/DC Converter
logo
Stanson Technology
ST1638 STANSON-ST1638 Datasheet
98Kb / 7P
   Step-Up DC/DC Converter High Efficiency PFM
logo
ELM Electronics
ELM93 ELM-ELM93 Datasheet
1Mb / 8P
   CMOS High efficiency PFM step-up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
logo
ELM Technology Corporat...
ELM9327AB-S ELM-TECH-ELM9327AB-S Datasheet
99Kb / 8P
   CMOS High efficiency PFM step-up DC/DC converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com