Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8509-100ACRM Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8509-100ACRM
Description  Low Voltage Detector with Built-in Delay Circuit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8509-100ACRM Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8509-100ACRM Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8509-100ACRM Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8509-100ACRM Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8509-100ACRM Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8509-100ACRM Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8509-100ACRM Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8509-100ACRM Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8509-100ACRM Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8509-100ACRM Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
http://www.belling.com.cn
- 1-
8/8/2006
Total 17 Pages
Low Voltage Detector with Built-in Delay Circuit
BL8509
Outline:
BL8509 is a series of high precision voltage
detector with ultra low current consumption
(500nA typ. at Vdd=3.0V) and a built-in delay
circuit. It can work at very low voltage, which
makes it perfect for system reset.
BL8509 is composed of high precision
voltage reference, comparator, delay circuit,
output driver and resistor array. Internally preset
detect voltage has a low temperature drift and
requires no external trimming.
Two type of output, CMOS and N-channel
open-drain are available.
BL8509 is available in SOT-23 which is Pb
free.
Features
High-precision detection Voltage
2%
Detection Voltage
0.9V~6.0V (in 0.1V steps)
Built-in Power on Reset Delay Time
circuit::Refer to Selection Guide
Operating Voltage range
0.7V~10V
Ultra-low current consumption
500nA typ. (at
VDD
3.0V)
Two Output forms
CMOS and N-channel
open-drain (Active Low)
Application
Power monitor for portable equipment such as
PDA,DSC,Mobile phone,Notebook,MP3
CPU and Logic Circuit Reset
Battery Checker
Battery Back-up Circuit
Power Failure Detector


Similar Part No. - BL8509-100ACRM

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
BL8509CCB3BTR BELLING-BL8509CCB3BTR Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
BL8509CCB3TR BELLING-BL8509CCB3TR Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
More results

Similar Description - BL8509-100ACRM

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
   Low Voltage Detector with built-in Delay Circuit
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com