Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGR69 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGR69
Description  Hybrid CATV amplifier module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGR69 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGR69 Datasheet HTML 1Page - NXP Semiconductors BGR69 Datasheet HTML 2Page - NXP Semiconductors BGR69 Datasheet HTML 3Page - NXP Semiconductors BGR69 Datasheet HTML 4Page - NXP Semiconductors BGR69 Datasheet HTML 5Page - NXP Semiconductors BGR69 Datasheet HTML 6Page - NXP Semiconductors BGR69 Datasheet HTML 7Page - NXP Semiconductors BGR69 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2000 Apr 26
4
Philips Semiconductors
Objective specification
Hybrid CATV amplifier module
BGR69
PACKAGE OUTLINE
UNIT
A2
max.
c
ee1
q
Q
max.
q1
q2
U1
max.
U2
W
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
20.8
9.1
0.51
0.38
0.25 27.2 2.54 13.75 2.54 5.08 12.7
8.8
4.15
3.85
2.4
38.1 25.4 10.2
4.2 44.75
8
0.25
0.1
3.8
bF
p
6-32
UNC
y
w
S
DIMENSIONS (mm are the original dimensions)
SOT115J
0
5
10 mm
scale
A
max.
D
max.
L
min.
E
max.
Z
max.
Rectangular single-ended package; aluminium flange; 2 vertical mounting holes;
2 x 6-32 UNC and 2 extra horizontal mounting holes; 7 gold-plated in-line leads
SOT115J
D
U1
q
q2
q1
b
F
S
A
Z
p
E
A2
L
c
d
Q
U2
M
w
78
9
23
W
e
e1
5
p
1
d
max.
y M B
y M B
B
99-02-06
y M B


Similar Part No. - BGR69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGR269 PHILIPS-BGR269 Datasheet
47Kb / 8P
   Hybrid CATV amplifier module
2000 May 01
BGR269 NXP-BGR269 Datasheet
98Kb / 8P
   200 MHz, 35 dB gain reverse amplifier
Rev. 6-5 August 2010
BGR269 NXP-BGR269 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Infineon Technologies A...
BGR405 INFINEON-BGR405 Datasheet
312Kb / 7P
   NPN Silicon RF Transistor With Bias Circuitry
Rev. 1.0, Juni 2008
BGR420 INFINEON-BGR420 Datasheet
316Kb / 7P
   NPN Silicon RF Transistor With Bias Circuitry
Rev. 1.0, Juni 2008
More results

Similar Description - BGR69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGR269 PHILIPS-BGR269 Datasheet
47Kb / 8P
   Hybrid CATV amplifier module
2000 May 01
BGY685AD PHILIPS-BGY685AD Datasheet
63Kb / 8P
   Hybrid CATV amplifier module
1997 Apr 18
logo
Freescale Semiconductor...
MHW1253LA FREESCALE-MHW1253LA Datasheet
89Kb / 4P
   CATV Amplifier Module
MHW1346 FREESCALE-MHW1346 Datasheet
69Kb / 4P
   CATV Amplifier Module
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
   CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
   CATV amplifier module
1997 Mar 25
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
   CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
   CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
   CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
   CATV amplifier module
2000 Apr 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com