Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGX881 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGX881
Description  CATV amplifier module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGX881 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGX881 Datasheet HTML 1Page - NXP Semiconductors BGX881 Datasheet HTML 2Page - NXP Semiconductors BGX881 Datasheet HTML 3Page - NXP Semiconductors BGX881 Datasheet HTML 4Page - NXP Semiconductors BGX881 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
February 1995
3
Philips Semiconductors
Product specification
CATV amplifier module
BGX881
CHARACTERISTICS
Bandwidth 40 to 860 MHz; VB = 24 V; Tmb = 30 °C; ZS = ZL = 75 Ω.
Notes
1. Decreases 1.5 dB per octave.
2. fp = 349.25 MHz; Vp = 59 dBmV;
fq = 403.25 MHz; Vq = 59 dBmV;
measured at fp +fq = 752.5 MHz.
3. Measured according to DIN45004B:
fp = 341.25 MHz; Vp =Vo;
fq = 348.25 MHz; Vq =Vo −6 dB;
fr = 350.25 MHz; Vr =Vo −6 dB;
measured at fp +fq − fr = 339.25 MHz.
4. Measured according to DIN45004B:
fp = 851.25 MHz; Vp =Vo;
fq = 858.25 MHz; Vq =Vo −6 dB;
fr = 860.25 MHz; Vr =Vo −6 dB;
measured at fp +fq − fr = 849.25 MHz.
5. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Gp
power gain
f = 50 MHz
12
13
dB
SL
slope cable equivalent
f = 40 to 860 MHz
0.2
1.2
dB
FL
flatness of frequency response
f = 40 to 860 MHz
−±0.3
dB
S11
input return losses
f = 40 MHz; note 1
20
dB
f = 800 to 860 MHz
10
dB
S22
output return losses
f = 40 MHz; note 1
20
dB
f = 640 to 860 MHz
15
dB
d2
second order distortion
note 2
−−53
dB
Vo
output voltage
dim = −60 dB; note 3
60.5
dBmV
dim = −60 dB; note 4
59.5
dBmV
F
noise figure
f = 350 MHz
8.5
dB
f = 860 MHz
9dB
Itot
total current consumption (DC)
note 5
240
mA


Similar Part No. - BGX881

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGX885N PHILIPS-BGX885N Datasheet
55Kb / 8P
   CATV amplifier module
1997 Mar 26
BGX885N NXP-BGX885N Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BGX885N NXP-BGX885N_01 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
2001 Nov 14
logo
Quanzhou Jinmei Electro...
BGX885N JMNIC-BGX885N_15 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
BGX885N_2015 JMNIC-BGX885N_2015 Datasheet
57Kb / 8P
   860 MHz, 17 dB gain push-pull amplifier
More results

Similar Description - BGX881

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW1253LA FREESCALE-MHW1253LA Datasheet
89Kb / 4P
   CATV Amplifier Module
MHW1346 FREESCALE-MHW1346 Datasheet
69Kb / 4P
   CATV Amplifier Module
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
   CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
   CATV amplifier module
1997 Mar 25
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
   CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
   CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
   CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
   CATV amplifier module
2000 Apr 12
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
   CATV amplifier module
1999 Mar 26
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
   CATV amplifier module
1997 Apr 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com