Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT220 Datasheet(PDF) 9 Page - Quantum Research Group

Part # QT220
Description  2 KEY QTOUCH SENSOR IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT220 Datasheet(HTML) 9 Page - Quantum Research Group

Back Button QT220 Datasheet HTML 4Page - Quantum Research Group QT220 Datasheet HTML 5Page - Quantum Research Group QT220 Datasheet HTML 6Page - Quantum Research Group QT220 Datasheet HTML 7Page - Quantum Research Group QT220 Datasheet HTML 8Page - Quantum Research Group QT220 Datasheet HTML 9Page - Quantum Research Group QT220 Datasheet HTML 10Page - Quantum Research Group QT220 Datasheet HTML 11Page - Quantum Research Group QT220 Datasheet HTML 12Page - Quantum Research Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
4.5 SIGNAL PROCESSING
Vdd = 4.0V, Cx = 10pF, Cs = 10nF, Fosc = 100kHz, Ta = recommended range, unless otherwise noted
Option pin selected;
Nominal timings; dependent on Fosc, Sync
secs
10, 60, infinite
Post-detection recalibration timer duration
Nominal timing dependent on Fosc, Sync
secs
2
Fast negative recalibration timer duration
Nominal timing dependent on Fosc, Sync
ms/level
250
Negative drift compensation rate
Nominal timing dependent on Fosc, Sync
ms/level
1,000
Positive drift compensation rate
samples
6
Consensus filter length (Detection integrator)
counts
5
Fast negative threshold differential
From threshold
counts
2
Hysteresis
From signal reference
counts
12
Threshold differential (positive)
Notes
Units
Value
Description
5 - PACKAGE OUTLINE
C
E
B
D
C'
Base level
Seating level
F
H
G
A
ø
0.20
0.10
8.0
4.0
H
0.86
0.66
34.0
26.0
G
0.25
0.10
10.0
4.0
F
-
0.650
-
-
25.59
-
E
1.85
1.65
73.0
65.0
D
7.49
6.88
295.0
271.0
C’
0.38
0.23
15.0
9.0
C
5.59
4.98
220.0
196.0
B
8.20
7.39
323.0
291.0
A
Max
Typ
Min
Max
Typ
Min
Metric (mm)
Inches (mils)
SYMBOL
209 mil 20-pin SSOP Dimensions
LQ
9
QT220R R1.02/0905


Similar Part No. - QT220

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
QT20.241 PULS-QT20.241 Datasheet
932Kb / 27P
   THREE PHASE INPUT
QT20.241-C1 PULS-QT20.241-C1 Datasheet
932Kb / 27P
   THREE PHASE INPUT
QT20.361 PULS-QT20.361 Datasheet
728Kb / 23P
   THREE PHASE INPUT
QT20.481 PULS-QT20.481 Datasheet
658Kb / 23P
   THREE PHASE INPUT
logo
Applied Micro Circuits ...
QT2022 AMCC-QT2022 Datasheet
2Mb / 220P
   10 Gb/s Serial-to-XAUI PHY ICs for Ethernet and Fibre Channel LAN/ SAN/WAN Applications (CDR)
More results

Similar Description - QT220

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
QT1080 QUANTUM-QT1080 Datasheet
205Kb / 16P
   8 KEY QTOUCH SENSOR IC
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com