Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT1080 Datasheet(PDF) 8 Page - Quantum Research Group

Part # QT1080
Description  8 KEY QTOUCH SENSOR IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT1080 Datasheet(HTML) 8 Page - Quantum Research Group

Back Button QT1080 Datasheet HTML 4Page - Quantum Research Group QT1080 Datasheet HTML 5Page - Quantum Research Group QT1080 Datasheet HTML 6Page - Quantum Research Group QT1080 Datasheet HTML 7Page - Quantum Research Group QT1080 Datasheet HTML 8Page - Quantum Research Group QT1080 Datasheet HTML 9Page - Quantum Research Group QT1080 Datasheet HTML 10Page - Quantum Research Group QT1080 Datasheet HTML 11Page - Quantum Research Group QT1080 Datasheet HTML 12Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2.7 AKS Function Pins
The QT1080 features an adjacent key suppression ( AKS)
function with two modes. Option resistors act to set this
feature according to Tables 1.2 and 1.6. AKS can also be
disabled, allowing any combination of keys to become active
at the same time. When operating, the modes are:
Global: AKS functions operates across all eight keys. This
means that only one key can be active at any one time.
Groups: AKS functions among two groups of four keys:
0-1-4-5 and 2-3-6-7. This means that up to two keys can
be active at any one time.
In Group mode, keys in one group have no AKS interaction
with keys in the other group.
Note that in Fast Detect mode, AKS can only be off.
2.8 MOD_0, MOD_1 Inputs
In full option mode, MOD_0 and MOD_1 resistors are used
to set the ‘Max On-Duration’ recalibration timeouts. If a key
becomes stuck on for a lengthy duration of time, this feature
will cause an automatic recalibration event of that specific
key only once the specified on-time has been exceeded.
Settings of 10s, 60s, and infinite are available.
The Max On-Duration feature operates on a key-by-key
basis; when one key is stuck on, its recalibration has no
effect on other keys.
The logic combination on the MOD option pins sets the
timeout delay (see Table 1.3).
Simplified mode MOD timing: In simplified mode, the max
on-duration is fixed at 60 seconds.
2.9 Fast Detect Mode
In many applications, it is desirable to sense touch at high
speed. Examples include scrolling ‘slider’ strips or ‘Off’
buttons. It is possible to place the device into a ‘Fast Detect’
mode that usually requires under 1 0ms to respond. This is
accomplished internally by setting the Detect Integrator to
only two counts, i.e. only two successive detections are
required to detect touch.
In LP mode, ‘Fast’ detection will not speed up the initial
delay (which could be up to 360ms nominal depending on
the option setting). However, once a key is detected the
device is forced back into normal speed mode . It will remain
in this faster mode until another LP pulse is received.
When used in a ‘slider’ application, it is normally desirable to
run the keys without AKS.
In both normal and ‘Fast’ modes, the time required to
process a key release is the same . It takes six sequential
confirmations of non-detection to turn a key off.
Fast Detect mode can be enabled as shown in Tables 1.2
and 1.6.
2.10 Simplified Mode
A simplified operating mode which does not require the
majority of option resistors is available. This mode is set by
connecting a resistor labelled SMR between pins SNS6K
and SNS7 (see Figure 1.2).
In this mode there is only one option possible - AKS enable
or disable. When AKS is disabled, Fast Detect mode is
enabled; when AKS is enabled, Fast Detect mode is off.
AKS in this mode is Global only (i.e. operates across all
functioning keys).
The other option features are fixed as follows:
OUT_n, DETECT Pins: Push-pull, active high, direct
outputs
SYNC/LP Function: LP mode, ~200ms response time
Max On-Duration: 60 seconds
See Tables 1.6 and 1.7.
2.11 Unused Keys
Unused keys should be disabled by removing the
corresponding Cs, Rs, and Rsns components and
connecting SNS pins as shown in the ‘Unused’ column of
Table 1.1. Unused keys are ignored and do not factor into
the AKS function (Section 2.7).
3 Design Notes
3.1 Oscillator Frequency
The QT1080’s internal oscillator runs from an external
resistor network connected to the OSC and SS pins as
shown in Figures 1.1 and 1.2 to achieve spread spectrum
operation. If spread spectrum mode is not required, the OSC
pin should be connected to Vdd with an 18K
Ω 1% resistor.
Under different Vdd voltage conditions the resistor network
(or the solitary 18K
Ω resistor) might require minor
adjustment to obtain the specified burst center frequency.
The network should be adjusted slightly so that the positive
pulses on any key are approximately 2µs wide in the ‘solitary
18K
Ω resistor’ mode, or 2.15µs wide at the beginning of a
burst with the recommended spread -spectrum circuit (see
next section).
In practice, the pulse width has little effect on circuit
performance if it varies in the range from 1.5µs to 2.5µs. The
only effects will be seen in non-LP mode, as proportional
variations in Max On-Duration times and response times.
3.2 Spread-spectrum Circuit
The QT1080 offers the ability to spectrally spread its
frequency of operation to heavily reduce susceptibility to
external noise sources and to limit RF emissions. The SS pin
is used to modulate an external passive RC netw ork that
modulates the OSC pin. OSC is the main oscillator current
input. The circuit is shown in both Figures 1.1 and 1.2.
The resistors Rb1 and Rb2 should be changed depending
on Vdd. As shown in Figures 1.1 and 1.2, two sets of values
are recommended for these resistors depending on Vdd.
The power curves in Section 4.6 also show the effect of
these resistors.
The circuit can be eliminated , if it is not desired, by using an
18K
Ω resistor from OSC to Vdd to drive the oscillator, and
connecting SS to Vss with a 100K
Ω resistor. This mode
consumes significantly less current than spread spectrum
mode.
The spread-spectrum RC network might need to be modified
slightly if the burst lengths are particularly long. Vdd
variations can shift the center frequency and spread slightly.
lQ
8
QT1080 R11.06/0806


Similar Part No. - QT1080

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
QT1081-ISG QUANTUM-QT1081-ISG Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
More results

Similar Description - QT1080

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com