Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

QT1080 Datasheet(PDF) 10 Page - Quantum Research Group

Part # QT1080
Description  8 KEY QTOUCH SENSOR IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT1080 Datasheet(HTML) 10 Page - Quantum Research Group

Back Button QT1080 Datasheet HTML 6Page - Quantum Research Group QT1080 Datasheet HTML 7Page - Quantum Research Group QT1080 Datasheet HTML 8Page - Quantum Research Group QT1080 Datasheet HTML 9Page - Quantum Research Group QT1080 Datasheet HTML 10Page - Quantum Research Group QT1080 Datasheet HTML 11Page - Quantum Research Group QT1080 Datasheet HTML 12Page - Quantum Research Group QT1080 Datasheet HTML 13Page - Quantum Research Group QT1080 Datasheet HTML 14Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
4 Specifications
4.1 Absolute Maximum Specifications
Operating temperature, Ta.............................................................................................. -40 ~ +85ºC
Storage temp, Ts................................................................................................... -50ºC ~ +125ºC
Vdd................................................................................................................... -0.3 ~ +6.0V
Max continuous pin current, any control or drive pin............................................................................ ±20mA
Short circuit duration to ground or Vdd, any pin................................................................................. infinite
Voltage forced onto any pin.................................................................................. -0.3V ~ (Vdd + 0.3) Volts
4.2 Recommended Operating Conditions
Operating temperature, Ta.............................................................................................. -40 ~ +85ºC
VDD................................................................................................................... +2.8 ~ +5.0V
Short-term supply ripple+noise............................................................................................... ±5mV/s
Long-term supply stability................................................................................................... ±100mV
Cs range............................................................................................................ 2.2nF ~ 100nF
Cx range................................................................................................................. 0 ~ 50pF
4.3 AC Specifications
Vdd = 5.0, Ta = recommended, Cx = 5pF, Cs = 4.7nF; circuit of Figure 1.1
End of touch
ms
25
Release time - all modes
Tdr
200ms LP setting
ms
200
Response time - LP mode
Tdl
ms
25
Response time - Normal mode
Tdn
ms
10
Response time - Fast mode
Tdf
Both bursts together
ms
3.4
Burst duration
Tbd
ms
350
Start-up time from cold start
Tsu
µs
2
Sample pulse duration
Tpc
Total deviation
%
15
Burst modulation, percent
Fm
kHz
132
Burst center frequency
Fc
ms
150
Recalibration time
Trc
Notes
Units
Max
Typ
Min
Description
Parameter
4.4 DC Specifications
Vdd = 5.0, Ta = recommended, Cx = 5pF, Cs = 4.7nF; circuit of Figure 1.1 unless noted
bits
8
Acquisition resolution
AR
µA
±1
Input leakage current
IIL
2.5mA source
V
Vdd-0.5
High output voltage
VOH
7mA sink
V
0.5
Low output voltage
VOL
V
3.5
High input logic level
VHL
V
0.7
Low input logic level
VIL
Required for start-up, w/o external reset
circuit
V/s
100
Average supply turn-on slope
VDDS
@ Vdd = 3.0; 360ms LP mode
µA
45
Average supply current, LP mode*
IDDL
@ Vdd = 5.0
@ Vdd = 4.0
@ Vdd = 3.6
@ Vdd = 3.3
@ Vdd = 3.0
@ Vdd = 2.8
mA
8
4.5
2.7
2.2
1.8
1.5
1.3
Average supply current,
normal mode*
IDDN
Notes
Units
Max
Typ
Min
Description
Parameter
*No spread spectrum circuit; Rosc = 18K
4.5 Signal Processing
Vdd = 5.0, Ta = recommended, Cx = 5pF, Cs = 4.7nF
Towards decreasing Cx load
ms/level
500
Anti-drift compensation rate
Towards increasing Cx load
ms/level
2,000
Normal drift compensation rate
Option pin selected
secs
10, 60,
Max On-Duration
Must be consecutive or detection fails
samples
2
Detect Integrator filter, ‘fast’ mode
Must be consecutive or detection fails
samples
6
Detect Integrator filter, normal mode
Time to recalibrate if Cx load has exceeded anti-detection threshold
secs
2
Anti-detection recalibration delay
Threshold for decrease of Cx load
counts
6
Anti-detection threshold
counts
2
Detection hysteresis
Threshold for increase in Cx load
counts
10
Detection threshold
Notes
Units
Value
Description
lQ
10
QT1080 R11.06/0806


Similar Part No. - QT1080

ManufacturerPart #DatasheetDescription
Quantum Research Group
Quantum Research Group
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
QT1081-ISG QUANTUM-QT1081-ISG Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
More results

Similar Description - QT1080

ManufacturerPart #DatasheetDescription
Quantum Research Group
Quantum Research Group
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
ATMEL Corporation
ATMEL Corporation
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
   QTouch 8-key Touch Sensor IC
Quantum Research Group
Quantum Research Group
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
ATMEL Corporation
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com