Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT1100A Datasheet(PDF) 23 Page - Quantum Research Group

Part # QT1100A
Description  10 KEY QTOUCH SENSOR IC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT1100A Datasheet(HTML) 23 Page - Quantum Research Group

Back Button QT1100A Datasheet HTML 19Page - Quantum Research Group QT1100A Datasheet HTML 20Page - Quantum Research Group QT1100A Datasheet HTML 21Page - Quantum Research Group QT1100A Datasheet HTML 22Page - Quantum Research Group QT1100A Datasheet HTML 23Page - Quantum Research Group QT1100A Datasheet HTML 24Page - Quantum Research Group QT1100A Datasheet HTML 25Page - Quantum Research Group QT1100A Datasheet HTML 26Page - Quantum Research Group QT1100A Datasheet HTML 27Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Table 3-1 Control Commands
Commands are divided into two types: Control commands, which force the device into various modes or are used for serial communications management, and Status commands
which report back with information about the device or the sensing process.
Used in normal running mode to calibrate one specific key.
Normal sensing of other keys not affected. Calibration
takes place in the key’s normal timeslot. Returns 0xF8 to
acknowledge command was received and the requested
calibration will take place.
0xF8
1
2
Force calibration of key #k where k= 0..9
Command must be repeated 2 times within 100ms to
execute or it will fail.
CAL key ‘k’
18
0x1k
Returns 0xFA to acknowledge command; sleeps in low
power mode, wakes on WAKE pin; returns 0x05 after wake.
0xFA + 0x05
2
2
Enter sleep. Command must be repeated 2 times within
100ms to execute or it will fail.
SLEEP
18
0x05
Returns 0xFB to acknowledge command, then resets
device. After reset, part restarts, recalibrates, and runs
automatically (same as any other type of reset).
0xFB
1
2
Force device to reset. Sends back ‘0xFB’ to
acknowledge prior to reset. Command must be
repeated 2 times within 100ms to execute or it will fail.
RESET
18
0x04
Returns 0xFC after second 0x03 is received.
Check on progress of each key using 0x8k commands.
0xFC
1
2
Force device to enter Cal mode to recalibrate all keys;
enters RUN mode afterwards automatically. Command
must be repeated 2 times within 100ms to execute or it
will fail.
CAL ALL
18
0x03
Returns 0xFD after the second 0x02 is received.
0xFD
1
2
Enter RUN mode without benefit of calibration.
Command must be repeated 2 times within 100ms to
execute or it will fail.
RUN
18
0x02
Returns 0x53 after second 0x01 is received.
During or after block load; returns 0xFE if pass, or, 0xF0 if
CRC fail, or, 0xF1 if 100ms timeout between bytes, or,
0xF2 if EEPROM programming failed.
0x53 +
0xFE, 0xF0,
0xF1, 0xF2
2
2
Enter Setups mode and stop sensing, followed by block
load of binary Setups data from host. Command must
be repeated 2 times within 100ms or it will fail. Returns
with 0x53 when ready to accept block.
SETUPS
17
0x01
SPI mode: Flushes pending data from QT1100A.
UART mode: Serves no function and evokes no response
0..0xFF
1 in SPI
0 in UART
1
Used to get data back in SPI mode
NULL
16
0x00
Notes
Return
Range
Bytes
Returned
Bytes per
Command
Description
Name
Page
Hex
LQ
23
Copyright © 2003-2005 QRG Ltd
QT1100A-ISG R3.02/1105


Similar Part No. - QT1100A

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT110 QUANTUM-QT110 Datasheet
385Kb / 12P
   SENSOR ICs
QT110-DG QUANTUM-QT110-DG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-G QUANTUM-QT110-G Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-IG QUANTUM-QT110-IG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
QT110-ISG QUANTUM-QT110-ISG Datasheet
381Kb / 12P
   QTOUCH??SENSOR IC
More results

Similar Description - QT1100A

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1080 QUANTUM-QT1080 Datasheet
205Kb / 16P
   8 KEY QTOUCH SENSOR IC
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com