Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8509-1100 Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL8509-1100
Description  Low Voltage Detector with Built-in Delay Circuit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8509-1100 Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8509-1100 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8509-1100 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8509-1100 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8509-1100 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8509-1100 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8509-1100 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8509-1100 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8509-1100 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL8509-1100 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
http://www.belling.com.cn
- 7-
8/8/2006
Total 17 Pages
BL8509
Output Current1
Output Current2
Minimum
Operating Voltage
Detector Threshold
Temperature Coefficient
Iout1[mA]
Iout2[mA]
VDDL[V]
-VDET/
Tppm/°C
Condition
Min.
Typ.
Condition
Min.
Typ.
Typ.
Max.
Condition
Typ.
Vdd=0.8
5V
0.1
0.5
Vdd=1.0V
0.2
1.0
NCH,
VDS=0.05V
,
VDD=0.7V
0.01
0.05
NCH,
VDS=0.5V
VDD=1.5V
1.0
2.0
0.5
0.7
-40
C
Topt
85
C
100
Electrical Characteristics by Output Delay Time
Output Delay Time
Unit
Part Number
Test Condition
Min.
Typ.
Max.
8509-xxxAxxx
45
50
55
8509-xxxBxxx
90
100
110
8509-xxxCxxx
135
150
165
8509-xxxDxxx
180
200
220
8509-xxxExxx
225
250
275
8509-xxxFxxx
270
300
330
8509-xxxGxxx
VDD=1.0V to Vdet+1.0V
360
400
440
ms


Similar Part No. - BL8509-1100

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
BL8509CCB3BTR BELLING-BL8509CCB3BTR Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
BL8509CCB3TR BELLING-BL8509CCB3TR Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
More results

Similar Description - BL8509-1100

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
   Low Voltage Detector with built-in Delay Circuit
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com