Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6SLWH1.55NL306 Datasheet(PDF) 3 Page - ITT Industries

Part # K6SLWH1.55NL306
Description  Miniature Key Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

K6SLWH1.55NL306 Datasheet(HTML) 3 Page - ITT Industries

  K6SLWH1.55NL306 Datasheet HTML 1Page - ITT Industries K6SLWH1.55NL306 Datasheet HTML 2Page - ITT Industries K6SLWH1.55NL306 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.ittcannon.com
E–9
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
E
OPTION
CODE
COLOR
NONE
Models without LED
GN
Green
YE
Yellow
OG
Orange
RD
Red
WH
White
BU
Blue
K6
Miniature Key Switches
1.5 1.5 MM
LED
TRAVEL
OPERATING FORCE
Additional LED colors available by request
STANDARD
LED CODE
COLOR
NONE
Models without LED
L306
Green
L327
Yellow
L315
Orange
L352
Red
L302
White
L328
Blue
OPTION
CODE
OPERATING FORCE
3N
3 N, 300 g
5N
5 N, 500 g
2N OD
2 N, 200g without snap-point


Similar Part No. - K6SLWH1.55NL306

ManufacturerPart #DatasheetDescription
logo
C&K Components
K6SGN1.53NL306 CK-COMPONENTS-K6SGN1.53NL306 Datasheet
188Kb / 3P
   Miniature Key Switches
More results

Similar Description - K6SLWH1.55NL306

ManufacturerPart #DatasheetDescription
logo
C&K Components
K6BGN1.53NL306 CK-COMPONENTS-K6BGN1.53NL306 Datasheet
188Kb / 3P
   Miniature Key Switches
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
   Key Switches
logo
Tyco Electronics
2SWK MACOM-2SWK Datasheet
295Kb / 4P
   Key Switches, Medium Security
logo
C&K Components
P101133WM03NQE2 CK-COMPONENTS-P101133WM03NQE2 Datasheet
176Kb / 3P
   Low Profile Key Switches
D6C90F1FS CK-COMPONENTS-D6C90F1FS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
D6F90F1LFS CK-COMPONENTS-D6F90F1LFS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
D6C00F1LFS CK-COMPONENTS-D6C00F1LFS Datasheet
190Kb / 4P
   SPST Momentary Key Switches
KS11R22CQD CK-COMPONENTS-KS11R22CQD Datasheet
167Kb / 3P
   Single Pole Key Switches
PVA CK-COMPONENTS-PVA Datasheet
182Kb / 3P
   Short Stroke Key Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com