Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R203-05-RS-01-Q-E Datasheet(PDF) 1 Page - ITT Industries

Part # R203-05-RS-01-Q-E
Description  ROTA-SLIDE Rotary Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

R203-05-RS-01-Q-E Datasheet(HTML) 1 Page - ITT Industries

  R203-05-RS-01-Q-E Datasheet HTML 1Page - ITT Industries R203-05-RS-01-Q-E Datasheet HTML 2Page - ITT Industries R203-05-RS-01-Q-E Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L–38
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Models Available
C&K R Series
ROTA-SLIDE® Rotary Switches
L
Features/Benefits
Multi-pole and multi-position
Positive detent
Panel and PCB mounting
Enclosed
Typical Applications
Ceiling fans
Industrial equipment
Portable tools
Specifications
CONTACT RATING: Q contact material: 5 AMPS @ 125 V AC;
2.5 AMPS @ 250 V AC; 0.5 AMP @ 125 V DC; 1/8 HP @ 125
and 250 VAC (UL/CSA).
See page L-40 for additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial @ 2-4 V DC,
100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
INDEXING: 36º-one contact models, 10 position max.; two contact
models, 5 position max.
OPERATING & STORAGE TEMPERATURE: -30ºC to 95ºC
Materials
HOUSING & BUSHING: 6/6 nylon (UL 94V-2).
ACTUATOR: 6/6 nylon (UL 94V-2).
CONTACTS & TERMINALS: Q contact material: Copper, silver plated.
See page L-40 for additional contact materials.
CONTACT SPRING: Music wire or stainless steel.
MOUNTING NUT: Steel, zinc plated.
TERMINAL SEAL: Epoxy.
NOTE: Any models supplied with Q or B contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Custome Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages L-39 and L-40. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
R100 SP, 36° Index, 10 pos. no stops
R103 SP, 36° Index, 3 pos.
R108 SP, 36° Index, 8 pos.
R203 DP, 36° Index, 3 pos.
R204 DP, 36° Index, 4 pos.
R205 DP, 36° Index, 5 pos.
Terminations
03 Solder lug with hole
01 Solder lug with notch
02 PC Thru-hole
Seal
NONE No seal
E
Epoxy seal
Contact Material
Q Silver
B Gold
Actuator
07 .500" high with .156" flat
05 .375" high with .156" flat
15 Screwdriver slot without bushing
Mounting Style
RR 3/8-32 threaded bushing
RN PC without bushing
RS PC without bushing


Similar Part No. - R203-05-RS-01-Q-E

ManufacturerPart #DatasheetDescription
logo
C&K Components
R203 CK-COMPONENTS-R203 Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
R20307RR03Q CK-COMPONENTS-R20307RR03Q Datasheet
527Kb / 3P
   R Series ROTA-SLIDE Rotary Switches
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
R2033K-E2 RICOH-R2033K-E2 Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
R2033T RICOH-R2033T Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
More results

Similar Description - R203-05-RS-01-Q-E

ManufacturerPart #DatasheetDescription
logo
C&K Components
R20407RR02Q CK-COMPONENTS-R20407RR02Q Datasheet
289Kb / 3P
   ROTA-SLIDE Rotary Switches
logo
ITT Industries
H20307RR05Q ITT-H20307RR05Q Datasheet
190Kb / 3P
   Power ROTA-SLIDE Rotary Switches
FA0515RN02Q ITT-FA0515RN02Q Datasheet
231Kb / 4P
   Miniature ROTA-SLIDE Rotary Switches
logo
C&K Components
F10008RS02BE CK-COMPONENTS-F10008RS02BE Datasheet
219Kb / 4P
   Miniature ROTA-SLIDE Rotary Switches
R CK-COMPONENTS-R Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
R10007RR03Q CK-COMPONENTS-R10007RR03Q_13 Datasheet
527Kb / 3P
   R Series ROTA-SLIDE Rotary Switches
R10007RR03QE CK-COMPONENTS-R10007RR03QE Datasheet
185Kb / 3P
   ROTA-SLIDE짰 Rotary Switches
H20307RR05Q CK-COMPONENTS-H20307RR05Q Datasheet
164Kb / 3P
   Power ROTA-SLIDE짰 Rotary Switches
FA0515RN02QE CK-COMPONENTS-FA0515RN02QE Datasheet
199Kb / 4P
   Miniature ROTA-SLIDE짰 Rotary Switches
logo
Mitsumi Electronics, Co...
SIQ-02FVS1 MITSUMI-SIQ-02FVS1 Datasheet
185Kb / 4P
   Slide and Rotary Encoder Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com