Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R203-05-RS-03-B-E Datasheet(PDF) 3 Page - ITT Industries

Part # R203-05-RS-03-B-E
Description  ROTA-SLIDE Rotary Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

R203-05-RS-03-B-E Datasheet(HTML) 3 Page - ITT Industries

  R203-05-RS-03-B-E Datasheet HTML 1Page - ITT Industries R203-05-RS-03-B-E Datasheet HTML 2Page - ITT Industries R203-05-RS-03-B-E Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
L–40
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
C&K R Series
ROTA-SLIDE® Rotary Switches
MOUNTING STYLE
TERMINATIONS
CONTACT MATERIAL
SEAL
PANEL MOUNTING
PC MOUNTING
NONE
NO SEAL
E
EPOXY SEAL
03 SOLDER LUG WITH HOLE
02 PC THRU-HOLE
01 SOLDER LUG WITH NOTCH
RS PC SCREWDRIVER SLOT WITHOUT BUSHING
RR
3/8-32 THREADED BUSHING
RN
PC WITHOUT BUSHING
Mounting nut included (part number 175000100).
Position numbers and characters
are molded on housing.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
2 CONTACTS & TERMINALS: Copper, silver plated. (Standard with all
termination options.)
All models
with all options when ordered with ‘Q’ contact material.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the latest
information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
Q
5 AMPS @ 125 V AC; 2.5 AMPS @ 250 V AC;
0.5 AMP @ 125 V DC (UL/CSA); 1/8 HP @ 125 and 250 VAC (UL/CSA).
LOW LEVEL/DRY CIRCUIT
B
SILVER
2
POWER
0.4 VA MAX. @ 20 V AC or DC MAX.
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
GOLD
1


Similar Part No. - R203-05-RS-03-B-E

ManufacturerPart #DatasheetDescription
logo
C&K Components
R203 CK-COMPONENTS-R203 Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
R20307RR03Q CK-COMPONENTS-R20307RR03Q Datasheet
527Kb / 3P
   R Series ROTA-SLIDE Rotary Switches
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
R2033K-E2 RICOH-R2033K-E2 Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
R2033T RICOH-R2033T Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
More results

Similar Description - R203-05-RS-03-B-E

ManufacturerPart #DatasheetDescription
logo
C&K Components
R20407RR02Q CK-COMPONENTS-R20407RR02Q Datasheet
289Kb / 3P
   ROTA-SLIDE Rotary Switches
logo
ITT Industries
H20307RR05Q ITT-H20307RR05Q Datasheet
190Kb / 3P
   Power ROTA-SLIDE Rotary Switches
FA0515RN02Q ITT-FA0515RN02Q Datasheet
231Kb / 4P
   Miniature ROTA-SLIDE Rotary Switches
logo
C&K Components
F10008RS02BE CK-COMPONENTS-F10008RS02BE Datasheet
219Kb / 4P
   Miniature ROTA-SLIDE Rotary Switches
R CK-COMPONENTS-R Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
R10007RR03Q CK-COMPONENTS-R10007RR03Q_13 Datasheet
527Kb / 3P
   R Series ROTA-SLIDE Rotary Switches
R10007RR03QE CK-COMPONENTS-R10007RR03QE Datasheet
185Kb / 3P
   ROTA-SLIDE짰 Rotary Switches
H20307RR05Q CK-COMPONENTS-H20307RR05Q Datasheet
164Kb / 3P
   Power ROTA-SLIDE짰 Rotary Switches
FA0515RN02QE CK-COMPONENTS-FA0515RN02QE Datasheet
199Kb / 4P
   Miniature ROTA-SLIDE짰 Rotary Switches
logo
Mitsumi Electronics, Co...
SIQ-02FVS1 MITSUMI-SIQ-02FVS1 Datasheet
185Kb / 4P
   Slide and Rotary Encoder Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com