Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKF180 Datasheet(PDF) 8 Page - International Rectifier

Part # IRKF180
Description  FAST THYRISTOR/ DIODE and MAGN-A-pak Power Modules THYRISTOR/ THYRISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKF180 Datasheet(HTML) 8 Page - International Rectifier

  IRKF180 Datasheet HTML 1Page - International Rectifier IRKF180 Datasheet HTML 2Page - International Rectifier IRKF180 Datasheet HTML 3Page - International Rectifier IRKF180 Datasheet HTML 4Page - International Rectifier IRKF180 Datasheet HTML 5Page - International Rectifier IRKF180 Datasheet HTML 6Page - International Rectifier IRKF180 Datasheet HTML 7Page - International Rectifier IRKF180 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRK.F180.. Series
8
Bulletin I27100 rev. C 03/01
www.irf.com
Fig. 13 - Frequency Characteristics
Fig. 14 - Maximum On-state Energy Power Loss Characteristics
Fig. 15 - Gate Characteristics
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 H z
40 0
1000
5000
150
250 0
Pulse Basewidth ( s)
Snub b er circuit
R = 10 ohm s
C = 0.47 F
V
= 80% V
tp
1E4
IRK .F1 80.. Se rie s
Tra p e zoid a l p ulse
T
= 60 C d i/d t 50A / s
C
s
s
D
DR M
E1
1E2
1E3
1E4
50 H z
400
100 0
5000
15 0
250 0
Pu lse Ba se w idth ( s)
IRK .F 180.. Se ries
Tra p ezoid a l p ulse
T
= 60 C d i/d t 100A / s
Snub b e r circuit
R = 10 ohm s
C = 0.47
F
V
= 80% V
1E1
tp
DR M
C
s
s
D
0.1
1
10
100
0.01
0.1
1
10
100
VGD
IG D
(b )
(a )
(2)
(3)
In stan tan eo us G ate C urre n t (A)
a) R e c o m m e n d e d lo ad lin e fo r
b ) R e c o m m e n d e d lo a d lin e fo r
Recta n g u lar g a te p u lse
ra te d d i/d t : 1 0V , 1 0o h m s
< = 3 0% ra te d di/d t : 1 0V , 20 o h m s
(1) P G M = 8W , t p = 25m s
(2) P G M = 20W , t p = 1m s
(3) P G M = 40W , t p = 5m s
(4) PG M = 80W , t p = 2.5m s
IRK .F180.. Serie s
Fre que n cy Lim ite d by PG (A V)
(1)
(4)
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
10 jou les per pu lse
5
2.5
1
0.5
0.2 5
0.1
0.05
IRK.F 180.. Series
Sinuso id a l p ulse
Pu lse Base w id th ( s)
tp
1E4
E1
1E2
1E3
1E4
10 jou les per pulse
5
2.5
1
0.5
0.25
0.1
0.0 5
Pu lse Ba se w idth ( s)
IRK.F180.. Series
Tra p ezo id a l p uls e
di/d t 50 A / s
tp
1E1


Similar Part No. - IRKF180

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKF102 IRF-IRKF102 Datasheet
202Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKF132 IRF-IRKF132 Datasheet
139Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR
IRKF132-08HL IRF-IRKF132-08HL Datasheet
139Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR
IRKF132-08HLN IRF-IRKF132-08HLN Datasheet
139Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR
More results

Similar Description - IRKF180

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF180 IRF-IRKTF180 Datasheet
230Kb / 8P
   FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR (MAGN-A-pak Power Modules)
logo
Vishay Siliconix
VSK.F180P VISHAY-VSK.F180P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor(MAGN-A-PAK Power Modules), 180 A
Revision: 19-Jul-10
VSKF180P VISHAY-VSKF180P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 180 A
11-Mar-11
VSKTF200-12HKP VISHAY-VSKTF200-12HKP_10 Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Revision: 19-Jul-10
VSK.F200P VISHAY-VSK.F200P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
Revision: 19-Jul-10
VSKF200P VISHAY-VSKF200P Datasheet
1Mb / 11P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
11-Mar-11
logo
Nell Semiconductor Co.,...
NKT250 NELLSEMI-NKT250 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 250A( MAGN-A-PAK Power Modules)
NKT330 NELLSEMI-NKT330 Datasheet
2Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 330A( MAGN-A-PAK Power Modules)
NKT350 NELLSEMI-NKT350 Datasheet
2Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 350A( MAGN-A-PAK Power Modules)
NKT500 NELLSEMI-NKT500 Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 500A(SUPER MAGN-A-PAK Power Modules)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com