Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD-128G064B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LCD-128G064B
Description  128 x 64 Dots Graphic LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-128G064B Datasheet(HTML) 1 Page - Vishay Siliconix

  LCD-128G064B Datasheet HTML 1Page - Vishay Siliconix LCD-128G064B Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
83
LCD-128G064B
Vishay
Document Number: 37234
Revision 01-Oct-02
For Technical Questions, Contact: Displays@Vishay.com
FEATURES
• Built-in controller (KS0107 - KS0108 re Equivalent)
• + 5V power supply
• 1/64 duty cycle
• N.V. Built-in
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
75.0 x 52.7
mm
Viewing Area
60.0 x 32.6
mm
Dot Size
0.4 x 0.4
mm
Dot Pitch
0.43 x 0.43
mm
ABSOLUTE MAXIMUM RATING
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD-VSS
4.75
5.0
5.25
V
Input Voltage
VI
- 0.3
VDD
V
NOTE: VSS = 0 Volt, VDD = 5.0 Volt
128 x 64 Dots Graphic LCD
ELECTRICAL SPECIFICATIONS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
L level
0.7VDD
–VDD
V
VIO
H level
0
0.3VDD
V
Supply Current
IDD
VDD = 5V
4.0
5.2
mA
Recommended LC Driving
0
°C
9.7
10.2
10.7
Voltage for Normal Temp.
VDD-V0
25
°C
7.5
8.0
8.5
V
Version Module
50
°C
8.6
9.1
9.6
LED Forward Voltage
VF
25
°C
4.0
4.4
V
LED Forward Current
IF
25
°C
100
200
mA
EL Power Supply Current
IEL
Vel = 110VAC:400Hz
5.0
mA


Similar Part No. - LCD-128G064B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-128G064B VISHAY-LCD-128G064B Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064B VISHAY-LCD-128G064B_08 Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
More results

Similar Description - LCD-128G064B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-128G064I VISHAY-LCD-128G064I Datasheet
109Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128X064A VISHAY-LCD-128X064A Datasheet
115Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128X064C VISHAY-LCD-128X064C Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064B VISHAY-LCD-128G064B_08 Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064J VISHAY-LCD-128G064J Datasheet
112Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064G VISHAY-LCD-128G064G Datasheet
111Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064C VISHAY-LCD-128G064C Datasheet
110Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064A VISHAY-LCD-128G064A Datasheet
111Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064D VISHAY-LCD-128G064D Datasheet
111Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064E VISHAY-LCD-128G064E Datasheet
123Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com