Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD421 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOD421
Description  P-Channel Enhancement Mode Field Effect Transisto
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD421 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOD421 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD421 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD421 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD421 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD421 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
23
28
50
60
RθJC
68
Junction and Storage Temperature Range
A
PDSM
°C
2
1.33
-55 to 175
TA=70°C
ID
-12.5
-8.9
-30
Pulsed Drain Current
C
Power Dissipation
A
TA=25°C
Power Dissipation
B
TC=25°C
PD
Continuous Drain
Current
G
Maximum
Units
Parameter
TA=25°C
TA=70°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±12
Gate-Source Voltage
Drain-Source Voltage
-20
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
W
Maximum Junction-to-Case
B
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
18.8
W
TC=100°C
9.4
AOD421
P-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = -20V
ID = -12.5 A (VGS = -10V)
RDS(ON) < 75mΩ (VGS = -10V)
RDS(ON) < 95mΩ (VGS = -4.5V)
RDS(ON) < 145mΩ (VGS = -2.5V)
ESD Rating: 2000V HBM
General Description
The AOD421 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for load switching. It is ESD
protected. Standard Product AOD421 is Pb-free
(meets ROHS & Sony 259 specifications). AOD421L
is a Green Product ordering option. AOD421 and
AOD421L are electrically identical.
D
S
G
G
D
S
TO-252
D-PAK
Top View
Drain Connected
to Tab
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOD421

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD421 AOSMD-AOD421 Datasheet
139Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
AOD421 ISC-AOD421 Datasheet
309Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOD421 AOSMD-AOD421_08 Datasheet
139Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AOD421

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MFE990 NJSEMI-MFE990 Datasheet
96Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE TMOS FIELD-EFFECT TRANSISTO
logo
Excelliance MOS Corp.
EMB39P06CS EXCELLIANCE-EMB39P06CS Datasheet
282Kb / 5P
   P?륝hannel Logic Level Enhancement Mode Field Effect Transisto
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com