Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2Y3A001K0F Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2Y3A001K0F
Description  Optoelectronic Device
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2Y3A001K0F Datasheet(HTML) 1 Page - Sharp Corporation

  GP2Y3A001K0F Datasheet HTML 1Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 2Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 3Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 4Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 5Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 6Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 7Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 8Page - Sharp Corporation GP2Y3A001K0F Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Data Sheet
GP2Y3A001K0F
Optoelectronic Device
FEATURES
• Wide Angle Sensors
• Trigger point set at factory to 25°
• Analog output
• Range: 4 to 30 cm
• Response Time: 20.2 Max.
• Response time: 16.5 Typ.
• Typical response time: 16.5 ms
• Typical start up delay: 21.2 ms
DESCRIPTION
The GP2Y3A001K0F is a distance measuring sen-
sor with integrated signal processing and analog volt-
age output.
Figure 1. Pinout
GP2Y3A001K0F-7
Figure 2. Block Diagram
GP2Y3A001K0F-4
SIGNAL
PROCESSING
CIRCUIT
PSD
LED 1
5 LEDs
LED 1
LED 5
GND
VCC
Vo
5 TRANSISTORS
LED
DRIVE CIRCUIT
VOLTAGE
REGULATOR
OSCILLATOR
CIRCUIT
OUTPUT
CIRCUIT
VIN
LED 5


Similar Part No. - GP2Y3A001K0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y3A001K0F SHARP-GP2Y3A001K0F_06 Datasheet
416Kb / 9P
   Wide angle Distance Measuring Sensor Unit Measuring distance: 4 to 30 cm 5 Analog outputs type
More results

Similar Description - GP2Y3A001K0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y3A003K0F SHARP-GP2Y3A003K0F Datasheet
277Kb / 10P
   Optoelectronic Device
GP2Y3A002K0F SHARP-GP2Y3A002K0F Datasheet
258Kb / 9P
   Optoelectronic Device
logo
Allegro MicroSystems
3390 ALLEGRO-3390 Datasheet
261Kb / 3P
   OPTOELECTRONIC SWITCH - TWILIGHT SENSOR
logo
New Jersey Semi-Conduct...
4N25 NJSEMI-4N25 Datasheet
101Kb / 1P
   Optically-Coupled Isolator Optoelectronic Products
logo
SparkFun Electronics
BOK-11131 SPARKFUN-BOK-11131 Datasheet
108Kb / 2P
   Timer, OpAmp & Optoelectronic Circuits & Projects
6??1??7
logo
List of Unclassifed Man...
TCSS111 ETC1-TCSS111 Datasheet
300Kb / 6P
   Optoelectronic Interrupter with Schmitt-Trigger Output Logic
logo
Guangdong Youtai Semico...
LTV-356T UMW-LTV-356T Datasheet
862Kb / 6P
   SummaryLTV-356T is a small shape chip optoelectronic couplingdevice, suitable for surface mount production
logo
National Semiconductor ...
DP83231 NSC-DP83231 Datasheet
209Kb / 16P
   CRD Device (FDDI Clock Recovery Device)
DP83241 NSC-DP83241 Datasheet
258Kb / 20P
   CDD Device (FDDI Clock Distribution Device)
logo
STMicroelectronics
ESDAVLC6-1BV2 STMICROELECTRONICS-ESDAVLC6-1BV2 Datasheet
129Kb / 9P
   Bidirectional device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com