Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEL-2E20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TEL-2E20
Description  VCSEL for gener al purpose
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TEL-2E20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TEL-2E20 Datasheet HTML 1Page - List of Unclassifed Manufacturers TEL-2E20 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEL-2E20
VCSEL for gener al pur pose
FEATURES:
• Epoxy molded with flat emission surface.
• Copper leadframe, good heat dissipation.
• Low dependence of power output over temperature.
• Driving current between 8 to 15 mA.
• Symmetrical beam
ELECTRO-OPTICAL CHARACTERISTICS:
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITIONS
(1)
Threshold Current
Ith
5
10
mA
Output Power
Po
1
2
4
mW
IF =15 mA
(2)
Operating Current
IOP
12
mA
Adjustable to establish
1.5 mW output power
Slope Efficiency
η
0.20
mW/mA
IF=15 mA
(3)
Wavelength
λ
P
820
850
870
nm
IF=15 mA
Forward Voltage
VF
2
2.2
2.5
V
IF=15 mA
Breakdown voltage
VBD
10
15
V
IR=10
µA
Series Resistance
RS
40
IF =15 mA
Beam Divergence
θ
10
degree
IF=15 mA
(4)
Notes:
1. All parameters except mentioned are measured at IF=15 mA, 25
°C, CW.
2. Higher power can be provided under request.
3. Slope efficiency is defined as
∆P/(15-I
th) at 25
°C.
4. Beam divergence is defined as the angle of light intensity at Full Width at Half Maximum (FWHM).
THERMAL CHARACTERISTICS:
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITIONS
Thermal Resistance
Rth
900
°C /W
TA=25
°C
Ith Temperature Variation
∆I
th
-1.5
1.5
mA
TA=0~70
°C
VF Temperature Coefficient
∆V
F/
∆T
-3.0
mV/
°C
TA=0~70
°C, I
F=15 mA
η Temperature Coefficient
∆η/∆T
-0.25
%/
°C
TA=0~70
°C, I
F=15 mA
λ
P Temperature Coefficient
∆λ
P/
∆T
0.07
nm/
°C
TA=0~70
°C, I
F=15 mA
ABSOLUTE MAXIMUM RATINGS:
PARAMETERS
MIN
MAX
UNIT
CONDITIONS
Storage Temperature
-40
100
°C
Operating Temperature
-20
85
°C
Lead Solder Temperature
260
°C
5 seconds
Continuous Forward Current
40
mA
Continuous Reverse Voltage
10
V


Similar Part No. - TEL-2E20

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEL-2 TRACOPOWER-TEL-2 Datasheet
209Kb / 3P
   DC/DC Converters TEL 2 Series, 2 Watt
Rev. March 6, 2023
logo
List of Unclassifed Man...
TEL-2A20 ETC-TEL-2A20 Datasheet
123Kb / 2P
   VCSEL for gener al purpose
TEL-2C20 ETC2-TEL-2C20 Datasheet
116Kb / 2P
   VCSEL for gener al purpose
TEL-2D20 ETC1-TEL-2D20 Datasheet
123Kb / 2P
   VCSEL for gener al purpose
TEL-2G20 ETC2-TEL-2G20 Datasheet
117Kb / 2P
   VCSEL for gener al purpose
More results

Similar Description - TEL-2E20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEL-2G20 ETC2-TEL-2G20 Datasheet
117Kb / 2P
   VCSEL for gener al purpose
TEL-2C20 ETC2-TEL-2C20 Datasheet
116Kb / 2P
   VCSEL for gener al purpose
TEL-2D20 ETC1-TEL-2D20 Datasheet
123Kb / 2P
   VCSEL for gener al purpose
TEL-2A20 ETC-TEL-2A20 Datasheet
123Kb / 2P
   VCSEL for gener al purpose
TSM-3E20 ETC-TSM-3E20 Datasheet
77Kb / 2P
   VCSEL for gener al purpose
TMC-4F30 ETC1-TMC-4F30 Datasheet
144Kb / 3P
   VCSEL TO-46 metal can for gener al purpose
TMC-4F20 ETC-TMC-4F20 Datasheet
121Kb / 2P
   VCSEL TO-46 metal can for gener al purpose
TMC-4B28 ETC1-TMC-4B28 Datasheet
120Kb / 2P
   High power VCSEL TO-46 metal for general purpose
logo
Mitel Networks Corporat...
1A444 MITEL-1A444 Datasheet
188Kb / 10P
   VCSEL Laser Diode(Datacom, General Purpose)
1A440 MITEL-1A440 Datasheet
45Kb / 3P
   VCSEL Laser Diode(Datacom, General Purpose)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com