Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM41024LA15SOI Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PDM41024LA15SOI
Description  1 Megabit Static RAM 128K x 8-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PDM41024LA15SOI Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  PDM41024LA15SOI Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM41024LA15SOI Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM41024LA15SOI Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM41024LA15SOI Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM41024LA15SOI Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM41024LA15SOI Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM41024LA15SOI Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM41024LA15SOI Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PDM41024
Rev. 3.3 - 4/09/98
7
1
2
3
4
5
6
7
8
9
10
11
12
Write Cycle No. 3 (Chip Enable Controlled)
AC Electrical Characteristics
SHADED AREA = PRELIMINARY DATA
Notes referenced are after Data Retention Table
Description
-10(7)
-12(7)
-15
WRITE Cycle
Sym
Min.
Max.
Min.
Max.
Min.
Max.
Units
WRITE cycle time
tWC
10
12
15
ns
Chip enable active time
tCW
10
10
11
ns
Address valid to end of write
tAW
10
10
11
ns
Address setup time
tAS
0
00
ns
Address hold from end of write
tAH
0
00
ns
Write pulse width
tWP1
8
811
ns
Write pulse width
tWP2
8
812
ns
Data setup time
tDS
7
77
ns
Data hold time
tDH
0
00
ns
Write disable to output in low Z(1,3)
tLZWE
0
00
ns
Write enable to output in high Z(1,3)
tHZWE
777
ns
tWC
tAW
tWP1
tCW
tAH
tAS
tDH
tDS
ADDR
CE1
CE2
WE
DOUT
HIGH-Z
DIN
DATA VALID
NOTE: Output Enable (OE) is inactive (high)


Similar Part No. - PDM41024LA15SOI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41028 ETC1-PDM41028 Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SO ETC1-PDM41028LA10SO Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOA ETC1-PDM41028LA10SOA Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOATR ETC1-PDM41028LA10SOATR Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOATY ETC1-PDM41028LA10SOATY Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
More results

Similar Description - PDM41024LA15SOI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Integrated Device Techn...
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Integrated Device Techn...
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71024S20YG IDT-IDT71024S20YG Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Cypress Semiconductor
CY62128DV30 CYPRESS-CY62128DV30_06 Datasheet
574Kb / 11P
   1-Mb (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com