Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R205-15-RR-03-B-E Datasheet(PDF) 2 Page - ITT Industries

Part # R205-15-RR-03-B-E
Description  ROTA-SLIDE Rotary Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

R205-15-RR-03-B-E Datasheet(HTML) 2 Page - ITT Industries

  R205-15-RR-03-B-E Datasheet HTML 1Page - ITT Industries R205-15-RR-03-B-E Datasheet HTML 2Page - ITT Industries R205-15-RR-03-B-E Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L–39
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
L
R Series
ROTA-SLIDE® Rotary Switches
SWITCH FUNCTION
ACTUATOR
DP MODELS 36º INDEXING
SCHEMATIC
SP MODELS 36º INDEXING
SCHEMATIC
15
SCREWDRIVER SLOT
07
.500" HIGH WITH .156" FLAT
05
.375" HIGH WITH .156" FLAT
NOTE: Break-before-make contacts. Actuators and contacts are shown in position 1.
No common terminal is present. Switching function is provided by movable contacts
shorting adjacent pairs of stationary contacts.
Part number show: R10007RR03Q
Shown with ‘RR’ mounting style.
For mounting styles without bushing,
add .250 (6,35) to actuator length.
Shown with ‘RN’ mounting style.
Arrow on actuator marked red (std.).
Shown with ‘RS’ mounting style.
All Terminals
5 Position
R205
All Terminals
4 Position
R204
10-1-2-3,5-6-7-8
3 Position
R203
DP
TERMINALS
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
DP MODELS 36º INDEXING
All models
with all options when
ordered with ‘Q’ contact material.
10-1-2-3-4-5-6-7-8
8 Position
R108
10-1-2-3
3 Position
R103
All Terminals
10 Position
No Stops
R100
SP
TERMINALS
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
SP MODELS 36º INDEXING


Similar Part No. - R205-15-RR-03-B-E

ManufacturerPart #DatasheetDescription
logo
C&K Components
R205 CK-COMPONENTS-R205 Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
R20507RR03Q CK-COMPONENTS-R20507RR03Q Datasheet
527Kb / 3P
   R Series ROTA-SLIDE Rotary Switches
logo
RICOH electronics devic...
R2051 RICOH-R2051 Datasheet
717Kb / 58P
   2 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2051K01-E2 RICOH-R2051K01-E2 Datasheet
717Kb / 58P
   2 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2051K02-E2 RICOH-R2051K02-E2 Datasheet
717Kb / 58P
   2 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
More results

Similar Description - R205-15-RR-03-B-E

ManufacturerPart #DatasheetDescription
logo
C&K Components
R20407RR02Q CK-COMPONENTS-R20407RR02Q Datasheet
289Kb / 3P
   ROTA-SLIDE Rotary Switches
logo
ITT Industries
H20307RR05Q ITT-H20307RR05Q Datasheet
190Kb / 3P
   Power ROTA-SLIDE Rotary Switches
FA0515RN02Q ITT-FA0515RN02Q Datasheet
231Kb / 4P
   Miniature ROTA-SLIDE Rotary Switches
logo
C&K Components
F10008RS02BE CK-COMPONENTS-F10008RS02BE Datasheet
219Kb / 4P
   Miniature ROTA-SLIDE Rotary Switches
R CK-COMPONENTS-R Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
R10007RR03Q CK-COMPONENTS-R10007RR03Q_13 Datasheet
527Kb / 3P
   R Series ROTA-SLIDE Rotary Switches
R10007RR03QE CK-COMPONENTS-R10007RR03QE Datasheet
185Kb / 3P
   ROTA-SLIDE짰 Rotary Switches
H20307RR05Q CK-COMPONENTS-H20307RR05Q Datasheet
164Kb / 3P
   Power ROTA-SLIDE짰 Rotary Switches
FA0515RN02QE CK-COMPONENTS-FA0515RN02QE Datasheet
199Kb / 4P
   Miniature ROTA-SLIDE짰 Rotary Switches
logo
Mitsumi Electronics, Co...
SIQ-02FVS1 MITSUMI-SIQ-02FVS1 Datasheet
185Kb / 4P
   Slide and Rotary Encoder Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com