Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5553MVR80R2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC5553MVR80R2
Description  Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553MVR80R2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC5553MVR80R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5553MVR80R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5553MVR80R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5553MVR80R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5553MVR80R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5553MVR80R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5553MVR80R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5553MVR80R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5553MVR80R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
2
PowerPC instruction set. This family of parts contains many new features coupled with high performance
CMOS technology to provide significant performance improvement over the MPC565.
The MPC5553 of the MPC5500 family has two levels of memory hierarchy. The fastest accesses are to the
8-kilobyte unified cache. The next level in the hierarchy contains the 64-kilobyte on-chip internal SRAM
and 1.5 Mbyte internal Flash memory. Both the internal SRAM and the Flash memory can hold
instructions and data. The external bus interface has been designed to support most of the standard
memories used with the MPC5xx family.
The complex I/O timer functions of the MPC5500 family are performed by an enhanced time processor
unit engine (eTPU). The eTPU engine controls 32 hardware channels. The eTPU has been enhanced over
the TPU by providing 24-bit timers, double action hardware channels, variable number of parameters per
channel, angle clock hardware, and additional control and arithmetic instructions. The eTPU can be
programmed using a high-level programming language.
The less complex timer functions of the MPC5500 family are performed by the enhanced modular
input/output system (eMIOS). The eMIOS’ 24 hardware channels are capable of single action, double
action, pulse width modulation (PWM), and modulus counter operation. Motor control capabilities include
edge-aligned and center-aligned PWM.
Off-chip communication is performed by a suite of serial protocols including controller area networks
(FlexCANs), enhanced deserial/serial peripheral interfaces (DSPI), and enhanced serial communications
interfaces (eSCIs). The DSPIs support pin reduction through hardware serialization and deserialization of
timer channels and general-purpose input/output (GPIO) signals.
The MCU of the MPC5553 has an on-chip 40-channel enhanced queued dual analog-to-digital converter
(eQADC).
The system integration unit (SIU) performs several chip-wide configuration functions. Pad configuration
and general-purpose input and output (GPIO) are controlled from the SIU. External interrupts and reset
control are also found in the SIU. The internal multiplexer submodule (SIU_DISR) provides multiplexing
of eQADC trigger sources, daisy chaining the DSPIs and external interrupt signal multiplexing.


Similar Part No. - MPC5553MVR80R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5553MVR80 FREESCALE-MPC5553MVR80 Datasheet
2Mb / 66P
   Microcontroller Data Sheet
More results

Similar Description - MPC5553MVR80R2

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com