Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40075 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40075
Description  MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40075 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40075 Datasheet HTML 7Page - Texas Instruments TPS40075 Datasheet HTML 8Page - Texas Instruments TPS40075 Datasheet HTML 9Page - Texas Instruments TPS40075 Datasheet HTML 10Page - Texas Instruments TPS40075 Datasheet HTML 11Page - Texas Instruments TPS40075 Datasheet HTML 12Page - Texas Instruments TPS40075 Datasheet HTML 13Page - Texas Instruments TPS40075 Datasheet HTML 14Page - Texas Instruments TPS40075 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
www.ti.com
T − Temperature −
°C
−50
0
150
50
100
−4
−1
−2
−3
0
3
2
1
T − Temperature −
°C
−50
0
150
50
100
0
10
5
15
25
20
T − Temperature −
°C
−50
0
150
50
100
3.0
5.0
3.5
5.5
7.5
7.0
4.5
6.0
5.0
6.5
VDD = 4.5 V
VDD = 12 V
and VDD = 18 V
VDD = 5.5 V
ITRKOUT = 500 µA
T − Temperature −
°C
−50
0
150
50
100
−140
−80
−120
−60
0
−20
−100
−40
TPS40101
SLUS726 – SEPTEMBER 2006
TYPICAL CHARACTERISTICS (continued)
FREQUENCY CHANGE
TRACKING AMPLIFIER OFFSET VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 13.
Figure 14.
TRACKING AMPLIFIER OUTPUT VOLTAGE
TRACKING AMPLIFIER BIAS CURRENT
vs
vs
TEMPERATURE
TEMPERATURE
Figure 15.
Figure 16.
11
Submit Documentation Feedback


Similar Part No. - TPS40075

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40075 TI1-TPS40075 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075RHLR TI-TPS40075RHLR Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075RHLR TI1-TPS40075RHLR Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results

Similar Description - TPS40075

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI1-TPS40100_16 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100_15 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40101 TI-TPS40101_15 Datasheet
805Kb / 37P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com