Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM41024SA15TSOTR Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PDM41024SA15TSOTR
Description  1 Megabit Static RAM 128K x 8-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PDM41024SA15TSOTR Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  PDM41024SA15TSOTR Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM41024SA15TSOTR Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM41024SA15TSOTR Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM41024SA15TSOTR Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM41024SA15TSOTR Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM41024SA15TSOTR Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM41024SA15TSOTR Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM41024SA15TSOTR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PDM41024
8
4/09/98 - Rev. 3.3
Low VCC Data Retention Waveform
Data Retention Electrical Characteristics (LA Version Only) for JEDEC Version
NOTES: (For three previous Electrical Characteristics tables)
1. The parameter is tested with CL = 5 pF as shown in Figure 2. Transition is measured
±200 mV from steady state voltage.
2. At any given temperature and voltage condition, tHZCE is less than tLZCE.
3. This parameter is sampled.
4. WE is high for a READ cycle.
5. The device is continuously selected. All the Chip Enables are held in their active state.
6. The address is valid prior to or coincident with the latest occurring Chip Enable.
7. Vcc = 5V
± 5%.
Ordering Information
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDR
VCC for Retention Data
2—
V
ICCDR
Data Retention Current
CE1
≥ V
CC – 0.2V or
CE2
≤ V
SS + 0.2V
VIN ≥ VCC – 0.2V
or
≤ 0.2V
VCC = 2V
500
µA
VCC = 3V
750
µA
tCDR
Chip Deselect to Data Retention Time
0
ns
tR
(3)
Operation Recovery Time
tRC
——
ns
DON'T CARE
VCC
V
V
IH
IL
t CDR
V
t R
4.5V
4.5V
Data Retention Mode
CE1
DR
CE2
VDR
≤ 0.2V
V
V
IH
IL
Device Type
Power
Speed
Package
Type
Process
Temp. Range
Preferred
Shipping
Container
Commercial (0
° to +70°C)
10
Commercial Only
12
15
(use 15 ns for slower designs)
SA
Standard Power
LA
Low Power
Blank
I
Industrial (-40
° to +85°C)
A
Automotive (-40
° to +105°C)
Blank Tubes
TR
Tape & Reel
TY
Tray
PDM41024 - 1 Meg (128Kx8) Static RAM
XXXXX
X
XX
X
X
X
TSO
32-pin 300-mil Plastic SOJ
SO
32-pin 400-mil Plastic SOJ
T
32-pin Plastic TSOP (I)


Similar Part No. - PDM41024SA15TSOTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41028 ETC1-PDM41028 Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SO ETC1-PDM41028LA10SO Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOA ETC1-PDM41028LA10SOA Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOATR ETC1-PDM41028LA10SOATR Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOATY ETC1-PDM41028LA10SOATY Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
More results

Similar Description - PDM41024SA15TSOTR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Integrated Device Techn...
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Integrated Device Techn...
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71024S20YG IDT-IDT71024S20YG Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Cypress Semiconductor
CY62128DV30 CYPRESS-CY62128DV30_06 Datasheet
574Kb / 11P
   1-Mb (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com