Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3077E Datasheet(PDF) 6 Page - Analog Devices

Part # ADM3077E
Description  3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3077E Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM3077E Datasheet HTML 2Page - Analog Devices ADM3077E Datasheet HTML 3Page - Analog Devices ADM3077E Datasheet HTML 4Page - Analog Devices ADM3077E Datasheet HTML 5Page - Analog Devices ADM3077E Datasheet HTML 6Page - Analog Devices ADM3077E Datasheet HTML 7Page - Analog Devices ADM3077E Datasheet HTML 8Page - Analog Devices ADM3077E Datasheet HTML 9Page - Analog Devices ADM3077E Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. A | Page 6 of 20
TIMING SPECIFICATIONS—ADM3073E/ADM3074E/ADM3075E
VCC = 3.3 V ± 10%, TA = TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Maximum Data Rate
500
kbps
Propagation Delay, Low to High Level
tDPLH
180
800
ns
CL = 50 pF
, RL = 54 Ω (see Figure 8 and Figure 9)
Propagation Delay, High to Low Level
tDPHL
180
800
ns
CL = 50 pF
, RL = 54 Ω (see Figure 8 and Figure 9)
Rise Time/Fall Time
tDR/tDF
200
800
ns
CL = 50 pF
, RL = 54 Ω (see Figure 8 and Figure 9)
|tDPLH − tDPHL| Differential Driver Output Skew
tDSKEW
100
ns
CL = 50 pF
, RL = 54 Ω (see Figure 8 and Figure 9)
Enable to Output High
tDZH
2500
ns
(See Figure 10)
Enable to Output Low
tDZL
2500
ns
(See Figure 11)
Disable Time from Low
tDLZ
100
ns
(See Figure 11)
Disable Time from High
tDHZ
100
ns
(See Figure 10)
Enable Time from Shutdown to High
tDZH(SHDN)
4500
ns
(See Figure 10)
Enable Time from Shutdown to Low
tDZL(SHDN)
4500
ns
(See Figure 11)
RECEIVER
Maximum Data Rate
500
kbps
Propagation Delay, Low to High Level
tRPLH
200
ns
CL = 15 pF (see Figure 12 and Figure 13)
Propagation Delay, High to Low Level
tRPHL
200
ns
CL = 15 pF (see Figure 12 and Figure 13)
|tRPLH − tRPHL| Output Skew
tRSKEW
30
ns
CL = 15 pF (see Figure 12 and Figure 13)
Enable to Output High
tRZH
50
ns
(See Figure 14)
Enable to Output Low
tRZL
50
ns
(See Figure 14)
Disable Time from Low
tRLZ
50
ns
(See Figure 14)
Disable Time from High
tRHZ
50
ns
(See Figure 14)
Enable Time from Shutdown to High
tRZH(SHDN)
4000
ns
(See Figure 14)
Enable Time from Shutdown to Low
tRZL(SHDN)
4000
ns
(See Figure 14)
TIME TO SHUTDOWN
tSHDN
50
200
600
ns


Similar Part No. - ADM3077E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3077E AD-ADM3077E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3077EARZ AD-ADM3077EARZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM3077EARZ AD-ADM3077EARZ Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3077EARZ-REEL7 AD-ADM3077EARZ-REEL7 Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM3077EARZ-REEL7 AD-ADM3077EARZ-REEL7 Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
More results

Similar Description - ADM3077E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
   짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com