Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC5553MZP132 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # PPC5553MZP132
Description  Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5553MZP132 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button PPC5553MZP132 Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5553MZP132 Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5553MZP132 Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5553MZP132 Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5553MZP132 Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC5553MZP132 Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC5553MZP132 Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC5553MZP132 Datasheet HTML 12Page - Freescale Semiconductor, Inc PPC5553MZP132 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Electrical Characteristics
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
9
3.4
EMI (Electromagnetic Interference) Characteristics
3.5
ESD Characteristics
Table 4. EMI Testing Specifications1
1 EMI testing and I/O port waveforms per SAE J1752/3 issued 1995-03. Qualification testing is performed on the MPC5554 and
applied to MPC5500 family as generic EMI performance data.
Num
Characteristic
Min. Value
Typ. Value
Max. Value
Unit
1
Scan Range
0.15
1000
MHz
2
Operating Frequency
132
MHz
3VDD Operating Voltages
1.5
V
4VDDSYN, VRC33, VDD33, VFLASH, VDDE Operating Voltages
3.3
V
5
VPP, VDDEH, VDDA Operating Voltages
5.0
V
6
Maximum Amplitude
142
323
2 As measured with “single-chip” EMI program.
3 As measured with “expanded” EMI program.
dBuV
7
Operating Temperature
25
oC
Table 5. ESD Ratings1, 2
1 All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits.
2 A device will be defined as a failure if after exposure to ESD pulses the device no longer meets the device specification
requirements. Complete DC parametric and functional testing shall be performed per applicable device specification at room
temperature followed by hot temperature, unless specified otherwise in the device specification
Characteristic
Symbol
Value
Unit
ESD for Human Body Model (HBM)
2000
V
HBM Circuit Description
R1
1500
Ohm
C100
pF
ESD for Field Induced Charge Model (FDCM)
500 (all pins)
V
750 (corner pins)
Number of Pulses per pin:
Positive Pulses (HBM)
Negative Pulses (HBM)
1
1
Interval of Pulses
1
second


Similar Part No. - PPC5553MZP132

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPC5534AVF40 FREESCALE-PPC5534AVF40 Datasheet
1Mb / 50P
   Microcontroller
PPC5534AVF40R2 FREESCALE-PPC5534AVF40R2 Datasheet
1Mb / 50P
   Microcontroller
PPC5534AVF66 FREESCALE-PPC5534AVF66 Datasheet
1Mb / 50P
   Microcontroller
PPC5534AVF66R2 FREESCALE-PPC5534AVF66R2 Datasheet
1Mb / 50P
   Microcontroller
PPC5534AVF80 FREESCALE-PPC5534AVF80 Datasheet
1Mb / 50P
   Microcontroller
More results

Similar Description - PPC5553MZP132

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com