Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3074E Datasheet(PDF) 4 Page - Analog Devices

Part # ADM3074E
Description  3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3074E Datasheet(HTML) 4 Page - Analog Devices

  ADM3074E Datasheet HTML 1Page - Analog Devices ADM3074E Datasheet HTML 2Page - Analog Devices ADM3074E Datasheet HTML 3Page - Analog Devices ADM3074E Datasheet HTML 4Page - Analog Devices ADM3074E Datasheet HTML 5Page - Analog Devices ADM3074E Datasheet HTML 6Page - Analog Devices ADM3074E Datasheet HTML 7Page - Analog Devices ADM3074E Datasheet HTML 8Page - Analog Devices ADM3074E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. A | Page 4 of 20
SPECIFICATIONS
VCC = 3.3 V ± 10%, TA = TMIN to TMAX, unless otherwise noted.
Table 2. ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Differential Outputs
Differential Output Voltage
VOD
2.0
VCC
V
RL = 100 Ω (RS-422) (see Figure 7)
1.5
VCC
V
RL = 54 Ω (RS-485) (see Figure 7)
VCC
V
No load
Δ|VOD| for Complementary Output States1
ΔVOD
0.2
V
R = 54 Ω or 100 Ω (see Figure 7)
Common-Mode Output Voltage
VOC
VCC/2
3
V
R = 54 Ω or 100 Ω (see Figure 7)
Δ|VOC| for Complementary Output States1
ΔVOC
0.2
V
R = 54 Ω or 100 Ω (see Figure 7)
Short-Circuit Output Current
IOSD
40
250
mA
0 V < VOUT < 12 V
250
40
mA
7 V < VOUT < VCC
Short-Circuit Foldback Output Current
IOSDF
20
mA
(VCC 1 V) < VOUT < 12 V
20
mA
7 V < VOUT < +1 V
Output Leakage (Y, Z) Full Duplex
IO
125
μA
DE = 0 V, RE = 0 V, VCC = 0 V or 3.6 V, VIN = 12 V
100
μA
DE = 0 V, RE = 0 V, VCC = 0 V or 3.6 V, VIN = −7 V
Logic Inputs
Input High Voltage
VIH
2.0
V
DE, DI, RE
Input Low Voltage
VIL
0.8
V
DE, DI, RE
Input Hysteresis
VHYS
100
mV
DE, DI, RE
Logic Input Current
IIN1
±1
μA
DE, DI, RE
Input Impedance First Transition
1
10
DE
Thermal Shutdown Threshold
TTS
175
°C
Thermal Shutdown Hysteresis
TTSH
15
°C
RECEIVER
Differential Inputs
Differential Input Threshold Voltage
VTH
200
125
50
mV
7 V < VCM < +12 V
Input Hysteresis
ΔVTH
15
mV
VA + VB = 0 V
Input Resistance (A, B)
RIN
96
7 V < VCM < +12 V
Input Current (A, B)
IA, B
125
μA
DE = 0 V, VCC = 0 V or 3.6 V, VIN = 12 V
100
μA
DE = 0 V, VCC = 0 V or 3.6 V, VIN = −7 V
RO Logic Output
Output High Voltage
VOH
VCC 0.6
V
IOUT = −1 mA
Output Low Voltage
VOL
0.4
V
IOUT = 1 mA
Short-Circuit Output Current
IOSR
±80
mA
0 V < VRO < VCC
Tristate Output Leakage Current
IOZR
±1
μA
VCC = 3.6 V, 0 V < VOUT < VCC
POWER SUPPLY
Supply Current
ICC
0.8
1.5
mA
No load, DE = VCC, RE = 0 V
0.8
1.5
mA
No load, DE = VCC, RE = VCC
0.8
1.5
mA
No load, DE = 0 V, RE = 0 V
Shutdown Current
ISHDN
0.05
10
μA
DE = 0 V, RE = VCC
ESD PROTECTION
A, B, Y, Z Pins
±15
kV
Human body model
All Pins Except A, B, Y, Z Pins
±4
kV
Human body model
1 Δ|VOD| and Δ|VOC| are the changes in VOD and VOC, respectively, when the DI input changes state.


Similar Part No. - ADM3074E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3074E AD-ADM3074E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3074EARZ AD-ADM3074EARZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM3074EARZ AD-ADM3074EARZ Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3074EARZ-REEL7 AD-ADM3074EARZ-REEL7 Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM3074EARZ-REEL7 AD-ADM3074EARZ-REEL7 Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
More results

Similar Description - ADM3074E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
   짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com