Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3490EARZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADM3490EARZ
Description  3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3490EARZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM3490EARZ Datasheet HTML 7Page - Analog Devices ADM3490EARZ Datasheet HTML 8Page - Analog Devices ADM3490EARZ Datasheet HTML 9Page - Analog Devices ADM3490EARZ Datasheet HTML 10Page - Analog Devices ADM3490EARZ Datasheet HTML 11Page - Analog Devices ADM3490EARZ Datasheet HTML 12Page - Analog Devices ADM3490EARZ Datasheet HTML 13Page - Analog Devices ADM3490EARZ Datasheet HTML 14Page - Analog Devices ADM3490EARZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADM3483E/ADM3486E/ADM3488E/ADM3490E/ADM3491E
Rev. A | Page 11 of 20
OUTPUT LOW VOLTAGE (V)
TYPICAL PERFORMANCE CHARACTERISTICS
25
0
03.5
0.5
1.0
1.5
2.0
2.5
3.0
20
15
10
5
Figure 16. Output Current vs. Receiver Output Low Voltage
–18
0
03.5
OUTPUT HIGH VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
–16
–14
–12
–10
–8
–6
–4
–2
Figure 17. Output Current vs. Receiver Output High Voltage
TEMPERATURE (°C)
3.00
3.05
3.10
3.15
3.20
3.25
3.30
–50
–25
0
25
50
75
IRO = –1.5mA
Figure 18. Receiver Output High Voltage vs. Temperature
TEMPERATURE (°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
–40
10
60
85
IRO = 2.5mA
100
0
03.5
DIFFERENTIAL OUTPUT VOLTAGE (V)
Figure 19. Receiver Output Low Voltage vs. Temperature
0.5
1.0
1.5
2.0
2.5
3.0
90
80
70
60
50
40
30
20
10
Figure 20. Driver Output Current vs. Differential Output Voltage
2.6
1.6
–50
TEMPERATURE (°C)
–25
0
25
50
75
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
RL = 54Ω
Figure 21. Driver Differential Output Voltage vs. Temperature


Similar Part No. - ADM3490EARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3490E AD-ADM3490E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
More results

Similar Description - ADM3490EARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
   짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com