Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1251 Datasheet(PDF) 11 Page - Analog Devices

Part # ADUM1251
Description  Hot Swappable Dual I2C Isolators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1251 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM1251 Datasheet HTML 4Page - Analog Devices ADUM1251 Datasheet HTML 5Page - Analog Devices ADUM1251 Datasheet HTML 6Page - Analog Devices ADUM1251 Datasheet HTML 7Page - Analog Devices ADUM1251 Datasheet HTML 8Page - Analog Devices ADUM1251 Datasheet HTML 9Page - Analog Devices ADUM1251 Datasheet HTML 10Page - Analog Devices ADUM1251 Datasheet HTML 11Page - Analog Devices ADUM1251 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADuM1250/ADuM1251
Rev. 0 | Page 11 of 12
TYPICAL APPLICATION DIAGRAM
VDD
GND1
SDA1
GND2
V2
SDA2
ADuM1250
SCL1
SCL2
I2C BUS
1
2
3
4
8
7
6
5
Figure 9. Typical Isolated I2C Interface using ADuM1250
MAGNETIC FIELD IMMUNITY
The ADuM1250 is extremely immune to external magnetic
fields. The limitation on the ADuM1250’s magnetic field
immunity is set by the condition in which induced voltage in
the transformer’s receiving coil is sufficiently large to either
falsely set or reset the decoder. The following analysis defines
the conditions under which this may occur. The 3 V operating
condition of the ADuM1250 is examined because it represents
the most susceptible mode of operation.
The pulses at the transformer output have an amplitude greater
than 1.0 V. The decoder has a sensing threshold at about 0.5 V, thus
establishing a 0.5 V margin in which induced voltages can be
tolerated. The voltage induced across the receiving coil is given by
=
Π
=
N
n
r
dt
d
V
n
...
,
2
,
1
;
)
/
β
(
2
where:
β is the magnetic flux density (gauss).
N is the number of turns in the receiving coil.
rn is the radius of the nth turn in the receiving coil (cm).
Given the geometry of the receiving coil in the ADuM1250 and
an imposed requirement that the induced voltage is at most
50% of the 0.5 V margin at the decoder, a maximum allowable
magnetic field is calculated, as shown in Figure 10.
MAGNETIC FIELD FREQUENCY (Hz)
100
0.001
1M
10
0.01
1k
10k
10M
0.1
1
100M
100k
Figure 10. Maximum Allowable External Magnetic Flux Density
For example, at a magnetic field frequency of 1 MHz, the
maximum allowable magnetic field of 0.2 kgauss induces a
voltage of 0.25 V at the receiving coil. This is about 50% of the
sensing threshold and does not cause a faulty output transition.
Similarly, if such an event occurs during a transmitted pulse
(with the worst-case polarity), it reduces the received pulse
from > 1.0 V to 0.75 V. Note that this is still well above the 0.5 V
sensing threshold of the decoder.
The preceding magnetic flux density values correspond to
specific current magnitudes at given distances away from the
ADuM1250 transformers. Figure 11 expresses these allowable
current magnitudes as a function of frequency for selected
distances. As shown in Figure 11, the ADuM1250 is extremely
immune and can be affected only by extremely large currents
operated at high frequency and very close to the component.
For the 1 MHz example, one would have to place a 0.5 kA
current 5 mm away from the ADuM1250 to affect the
component’s operation.
MAGNETIC FIELD FREQUENCY (Hz)
1000
100
10
1
0.1
0.01
1k
10k
100M
100k
1M
10M
DISTANCE = 5mm
DISTANCE = 1m
DISTANCE = 100mm
Figure 11. Maximum Allowable Current for Various
Current-to-ADuM1250 Spacings
Note that at combinations of strong magnetic fields and high
frequencies, any loops formed by printed circuit board traces
could induce sufficiently large error voltages to trigger the
threshold of succeeding circuitry. Care should be taken in the
layout of such traces to avoid this possibility.


Similar Part No. - ADUM1251

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1251 AD-ADUM1251 Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1251 AD-ADUM1251 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1251 AD-ADUM1251 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
ADUM1251 AD-ADUM1251 Datasheet
1Mb / 46P
   5-Port SPoE PSE Controller
Rev. 0
ADuM1251ARZ AD-ADuM1251ARZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
More results

Similar Description - ADUM1251

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com