Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1251 Datasheet(PDF) 3 Page - Analog Devices

Part # ADUM1251
Description  Hot Swappable Dual I2C Isolators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1251 Datasheet(HTML) 3 Page - Analog Devices

  ADUM1251 Datasheet HTML 1Page - Analog Devices ADUM1251 Datasheet HTML 2Page - Analog Devices ADUM1251 Datasheet HTML 3Page - Analog Devices ADUM1251 Datasheet HTML 4Page - Analog Devices ADUM1251 Datasheet HTML 5Page - Analog Devices ADUM1251 Datasheet HTML 6Page - Analog Devices ADUM1251 Datasheet HTML 7Page - Analog Devices ADUM1251 Datasheet HTML 8Page - Analog Devices ADUM1251 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADuM1250/ADuM1251
Rev. 0 | Page 3 of 12
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
DC Specifications
All voltages are relative to their respective ground. All min/max specifications apply over the entire recommended operating range, unless
otherwise noted. All typical specifications are at TA = 25°C, VDD1 = 5 V, and VDD2 = 5 V, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
ADuM1250
Input Supply Current, Side 1, 5 V
IDD1
2.8
5.0
mA
VDD1 = 5 V
Input Supply Current, Side 2, 5 V
IDD2
2.7
5.0
mA
VDD2 = 5 V
Input Supply Current, Side 1, 3.3 V
IDD1
1.9
3.0
mA
VDD1 = 3.3 V
Input Supply Current, Side 2, 3.3 V
IDD2
1.7
3.0
mA
VDD2 = 3.3 V
ADuM1251
Input Supply Current, Side 1, 5 V
IDD1
2.8
6.0
mA
VDD1 = 5 V
Input Supply Current, Side 2, 5 V
IDD2
2.5
4.7
mA
VDD2 = 5 V
Input Supply Current, Side 1, 3.3 V
IDD1
1.8
3.0
mA
VDD1 = 3.3 V
Input Supply Current, Side 2, 3.3V
IDD2
1.6
2.8
mA
VDD2 = 3.3 V
LEAKAGE CURRENTS
ISDA1, ISDA2, ISCL1,
ISCL2
0.01
10
μA
VSDA1 = VDD1, VSDA2 = VDD2,
VSCL1 = VDD1, VSCL2 = VDD2
SIDE 1 LOGIC LEVELS
Logic Input Threshold1
VSDA1T, VSCL1T
500
700
mV
Logic Low Output Voltages
VSDA1OL, VSCL1OL
600
900
mV
ISDA1 = ISCL1 = 3.0 mA
600
850
mV
ISDA1 = ISCL1 = 0.5 mA
Input/Output Logic Low Level
Difference2
ΔVSDA1, ΔVSCL1
50
mV
SIDE 2 LOGIC LEVELS
Logic Low Input Voltage
VSDA2IL, VSCL2IL
0.3 VDD2
V
Logic High Input Voltage
VSDA2IH, VSCL2IH
0.7 VDD2
V
Logic Low Output Voltage
VSDA2OL, VSCL2OL
400
mV
ISDA2 = ISCL2 = 30 mA
1 V < 0.5 V, V > 0.7 V.
IL
IH
2 ΔV = V
– V . This is the minimum difference between the output logic low level and the input logic threshold within a given component. This ensures that there
is no possibility of the part latching up the bus to which it is connected.
S1
S1OL
S1T


Similar Part No. - ADUM1251

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1251 AD-ADUM1251 Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1251 AD-ADUM1251 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1251 AD-ADUM1251 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
ADUM1251 AD-ADUM1251 Datasheet
1Mb / 46P
   5-Port SPoE PSE Controller
Rev. 0
ADuM1251ARZ AD-ADuM1251ARZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
More results

Similar Description - ADUM1251

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com