Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1251ARZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADUM1251ARZ
Description  Hot Swappable Dual I2C Isolators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1251ARZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUM1251ARZ Datasheet HTML 2Page - Analog Devices ADUM1251ARZ Datasheet HTML 3Page - Analog Devices ADUM1251ARZ Datasheet HTML 4Page - Analog Devices ADUM1251ARZ Datasheet HTML 5Page - Analog Devices ADUM1251ARZ Datasheet HTML 6Page - Analog Devices ADUM1251ARZ Datasheet HTML 7Page - Analog Devices ADUM1251ARZ Datasheet HTML 8Page - Analog Devices ADUM1251ARZ Datasheet HTML 9Page - Analog Devices ADUM1251ARZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADuM1250/ADuM1251
Rev. 0 | Page 6 of 12
DIN EN 60747-5-2 (VDE 0884 PART 2) INSULATION CHARACTERISTICS
This isolator is suitable for basic isolation only within the safety limit data. Maintenance of the safety data is ensured by protective circuits.
The * marking on the package denotes DIN EN 60747-5-2 approval for a 560 V peak working voltage.
Table 6.
Description
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
For Rated Mains Voltage ≤ 400 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree (DIN VDE 0110, Table 1)
2
Maximum Working Insulation Voltage
VIORM
560
VPEAK
Input-to-Output Test Voltage, Method b1
VPR
1050
VPEAK
VIORM × 1.875 = VPR, 100% Production Test, tm = 1 sec, Partial Discharge < 5 pC
Input-to-Output Test Voltage, Method a
VPR
After Environmental Tests Subgroup 1
VIORM × 1.6 = VPR, tm = 60 sec, Partial Discharge < 5 pC
896
VPEAK
After Input and/or Safety Test Subgroup 2/3
672
VIORM × 1.2 = VPR, tm = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage (Transient Overvoltage, tTR = 10 sec)
VTR
4000
VPEAK
Safety-Limiting Values (Maximum Value Allowed in the Event of a Failure (See also
Figure 3)
Case Temperature
TS
150
°C
Side 1 Current
IS1
160
mA
Side 2 Current
IS2
170
mA
Insulation Resistance at TS, VIO = 500 V
RS
>109
Ω
CASE TEMPERATURE (°C)
0
0
350
50
100
150
200
50
300
150
100
200
250
Figure 3. Thermal Derating Curve, Dependence of Safety Limiting Values on
Case Temperature, per DIN EN 60747-5-2
RECOMMENDED OPERATING CONDITIONS
Table 7.
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
−40
+105
°C
Supply Voltages1
VDD1, VDD2
3.0
5.5
V
Input/Output Signal Voltage
VSDA1, VSCL1, VSDA2, VSCL2
5.5
V
Capacitive Load, Side 1
CL1
40
pF
Capacitive Load, Side 2
CL2
400
pF
Static Output Loading, Side 1
ISDA1, ISCL1
0.5
3
mA
Static Output Loading, Side 2
ISDA2, ISCL2
0.5
30
mA
1 All voltages are relative to their respective ground. See the Application Notes section for data on immunity to external magnetic fields.


Similar Part No. - ADUM1251ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM1251ARZ AD-ADuM1251ARZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1251ARZ AD-ADUM1251ARZ Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
ADuM1251ARZ-RL7 AD-ADuM1251ARZ-RL7 Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1251ARZ-RL7 AD-ADUM1251ARZ-RL7 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
More results

Similar Description - ADUM1251ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
   Hot Swappable, Dual I2C Isolators
REV. D
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
   Hot Swappable, Dual I2C Isolators
Rev. F
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
   Hot Swappable, Dual I2C Isolators
Rev. I
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
   Hot-Swappable I2C Isolators
LTC4310-1 LINER-LTC4310-1_15 Datasheet
240Kb / 20P
   Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
315Kb / 16P
   Hot-Swappable, Dual I2C Isolators, 5 kV
REV. 0
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
   Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADUM1250 AD-ADUM1250_15 Datasheet
333Kb / 16P
   Hot Swappable, Dual IC Isolators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com