Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM49LV4608MB10IT Datasheet(PDF) 6 Page - SPANSION

Part # AM49LV4608MB10IT
Description  Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM49LV4608MB10IT Datasheet(HTML) 6 Page - SPANSION

Back Button AM49LV4608MB10IT Datasheet HTML 2Page - SPANSION AM49LV4608MB10IT Datasheet HTML 3Page - SPANSION AM49LV4608MB10IT Datasheet HTML 4Page - SPANSION AM49LV4608MB10IT Datasheet HTML 5Page - SPANSION AM49LV4608MB10IT Datasheet HTML 6Page - SPANSION AM49LV4608MB10IT Datasheet HTML 7Page - SPANSION AM49LV4608MB10IT Datasheet HTML 8Page - SPANSION AM49LV4608MB10IT Datasheet HTML 9Page - SPANSION AM49LV4608MB10IT Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
4
Am49LV6408M
November 5, 2003
ADV ANCE
I N FO RMAT I O N
PRODUCT SELECTOR GUIDE
Note: See “AC Characteristics” for full specifications.
MCP BLOCK DIAGRAM
Family Part Number
Am49LV6408M
Flash Memory
pSRAM
Speed Option
Standard Voltage Range: VCC = 2.7–3.3 V
10, 15
11
15
10, 11
Max Access Time (ns)
100
110
55
70
Max. CE# Access (ns)
100
110
55
70
Max. Page Access Time (tPACC)35
40
N/A
N/A
OE# Access (ns)
35
40
30
35
VSS/VSSQ
VCCs/VCCQ
RESET#
WE#
CE#f
OE#
CE1#ps
VSS
VCCf
RY/BY#
LB#ps
UB#ps
WP#/ACC
CE2ps
8 M Bit
pseudo
Static RAM
64 M Bit
Flash Memory
DQ15 to DQ0
DQ15 to DQ0
DQ15 to DQ0
A21 to A0
A21 to A0
A0 to A19
A18 to A0


Similar Part No. - AM49LV4608MB10IT

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM49LV128BM SPANSION-AM49LV128BM Datasheet
2Mb / 98P
   128 Megabit (8 M x 16-Bit) MirrorBit??Uniform Sector Flash Memory and 32 Mbit (2 M x 16-Bit)
AM49LV128BMAH11NS SPANSION-AM49LV128BMAH11NS Datasheet
2Mb / 98P
   128 Megabit (8 M x 16-Bit) MirrorBit??Uniform Sector Flash Memory and 32 Mbit (2 M x 16-Bit)
AM49LV128BMAH11NT SPANSION-AM49LV128BMAH11NT Datasheet
2Mb / 98P
   128 Megabit (8 M x 16-Bit) MirrorBit??Uniform Sector Flash Memory and 32 Mbit (2 M x 16-Bit)
AM49LV128BMAH15NS SPANSION-AM49LV128BMAH15NS Datasheet
2Mb / 98P
   128 Megabit (8 M x 16-Bit) MirrorBit??Uniform Sector Flash Memory and 32 Mbit (2 M x 16-Bit)
AM49LV128BMAH15NT SPANSION-AM49LV128BMAH15NT Datasheet
2Mb / 98P
   128 Megabit (8 M x 16-Bit) MirrorBit??Uniform Sector Flash Memory and 32 Mbit (2 M x 16-Bit)
More results

Similar Description - AM49LV4608MB10IT

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM49LV6408M SPANSION-AM49LV6408M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit)
AM41LV3204M SPANSION-AM41LV3204M Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
logo
Advanced Micro Devices
AM41LV3204M AMD-AM41LV3204M Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
logo
Integrated Silicon Solu...
75V16F64GS16 ISSI-75V16F64GS16 Datasheet
239Kb / 50P
   64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
logo
Elite Semiconductor Mem...
M24D816512DA ESMT-M24D816512DA Datasheet
261Kb / 13P
   8-Mbit (512K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYK512K16SCCA CYPRESS-CYK512K16SCCA Datasheet
177Kb / 10P
   8-Mbit (512K x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L816512SA ESMT-M24L816512SA Datasheet
332Kb / 14P
   8-Mbit (512K x 16) Pseudo Static RAM
M24L816512DA ESMT-M24L816512DA Datasheet
315Kb / 12P
   8-Mbit (512K x 16) Pseudo Static RAM
logo
SPANSION
AM49PDL640AG SPANSION-AM49PDL640AG Datasheet
954Kb / 69P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM49DL640AH SPANSION-AM49DL640AH Datasheet
995Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com