Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6234 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6234
Description  THREE PHASE MOTOR DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6234 Datasheet(HTML) 5 Page - STMicroelectronics

  L6234 Datasheet HTML 1Page - STMicroelectronics L6234 Datasheet HTML 2Page - STMicroelectronics L6234 Datasheet HTML 3Page - STMicroelectronics L6234 Datasheet HTML 4Page - STMicroelectronics L6234 Datasheet HTML 5Page - STMicroelectronics L6234 Datasheet HTML 6Page - STMicroelectronics L6234 Datasheet HTML 7Page - STMicroelectronics L6234 Datasheet HTML 8Page - STMicroelectronics L6234 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ELECTRICAL CHARACTERISTICS (Vs = 42V ; Tj = 25°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
7
52
V
Vref
Reference Voltage
10
V
IS
Quiescent Supply Current
6.5
mA
TS
Thermal Shutdown
150
°C
TD
Dead Time Protection
300
ns
OUTPUT DMOS TRANSISTOR
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IDSS
Leakage Current
1mA
RDS (ON)
ON Resistance
0.3
SOURCE DRAIN DIODE
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VSD
Forward ON Voltage
ISD = 4A; EN = LOW
1.2
V
TRR
Reverse Recovery Time
IF = 4A
900
ns
Tpr
Forward Recovery Time
200
ns
LOGIC LEVELS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VINL, VENL
Input LOW Voltage
-0.3
0.8
V
VINH, VENH
Input HIGH Voltage
27
V
IINL, IENL
Input LOW Current
VIN,VEN = L
-10
µA
IINH, IENH
Input HIGH Current
VIN,VEN = H
30
µA
CIRCUIT DESCRIPTION
L6234 is a triple half bridge designed to drive
brushless DC motors.
Each half bridge has 2 power DMOS transistors
with RdsON = 0.3
Ω. The 3 half bridges can be
controlled independently by means of the 3 inputs
IN1, IN2, IN3 and the 3 inputs EN1, EN2, and
EN3. An external connection to the 3 common
low side DMOS sources is provided to connect a
sensing resistor for constant current chopping ap-
plication.
The driving stage and the logic stage are de-
signed to work from 7V to 52V.
L6234
5/10


Similar Part No. - L6234

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234 STMICROELECTRONICS-L6234 Datasheet
494Kb / 16P
   Three phase motor driver
Rev 10
L6234PD STMICROELECTRONICS-L6234PD Datasheet
116Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234PD STMICROELECTRONICS-L6234PD Datasheet
494Kb / 16P
   Three phase motor driver
Rev 10
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
   Three phase motor driver
More results

Similar Description - L6234

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
   Three phase motor driver
L6234 STMICROELECTRONICS-L6234_V01 Datasheet
494Kb / 16P
   Three phase motor driver
Rev 10
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13412 HITACHI-HA13412 Datasheet
91Kb / 4P
   THREE PHASE BRUSHIESS MOTOR DRIVER
logo
Sanyo Semicon Device
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
TRINAMIC Motion Control...
TMC389 TRINAMIC-TMC389 Datasheet
1Mb / 48P
   three phase stepper motor driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
DRV3204-Q1 TI-DRV3204-Q1_15 Datasheet
460Kb / 38P
[Old version datasheet]   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com