Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB140DS05 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LB140DS05
Description  140MHz High-Loss SAW Filter 5MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS05 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LB140DS05 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS05 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS05 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LB140DS05
Rev. Date
2009-12-17
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
3.0
Page 2/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
140MHz SAW Filter
5MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB140DS05
Matching Configuration
L1=82nH L2=150nH
L3=120nH L4=68nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Package: SMD13.3*6.5
Unit: mm
Pad Configuration:
Input:
11
Output:
5
Ground:
All Others
Marking Configuration:
1) •: Pad Number 1 Index
2) SIPAT: Manufacturer Name
3) LB140DS05: Part Number
4) XXYY: Date(Year/month)
5) ZZ: Identified Code
L2
INPUT
OUTPUT
50Ω
50Ω
L1
L3
L4
6
5
12
11
4
3
7
8
9
10
1
3
2
4
10
7
8
9
12
11
5
6
13.3±0.2
0.4
0.8
2.54
SIPAT
LB140DS05
XXYYZZ


Similar Part No. - LB140DS05

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS05 SIPAT-LB140DS05 Datasheet
151Kb / 3P
   140MHz SAW Filter
More results

Similar Description - LB140DS05

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14094 SIPAT-LBS14094 Datasheet
143Kb / 3P
   140MHz SAW Filter 5MHz Bandwidth
LBS140A62 SIPAT-LBS140A62 Datasheet
149Kb / 3P
   140MHz SAW Filter 5MHz Bandwidth
LBS140A62 SIPAT-LBS140A62 Datasheet
149Kb / 3P
   140MHz SAW Filter 5MHz Bandwidth
LB140DS43 SIPAT-LB140DS43 Datasheet
154Kb / 3P
   140MHz SAW Filter 5MHz Bandwidth
LBS140A18 SIPAT-LBS140A18_10 Datasheet
140Kb / 3P
   140MHz SAW Filter 5MHz Bandwidth
LBS140A18 SIPAT-LBS140A18 Datasheet
148Kb / 3P
   140MHz SAW Filter 5MHz Bandwidth
LBS140A18 SIPAT-LBS140A18 Datasheet
140Kb / 3P
   140MHz SAW Filter 5MHz Bandwidth
LBS14094 SIPAT-LBS14094 Datasheet
149Kb / 3P
   140MHz SAW Filter 5MHz Bandwidth
LBS14059 SIPAT-LBS14059 Datasheet
147Kb / 4P
   140MHz High-Loss SAW Filter 0.26MHz Bandwidth
LBN14060 SIPAT-LBN14060 Datasheet
150Kb / 4P
   140MHz High-Loss SAW Filter 35.05MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com