Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V70202MS05QE Datasheet(PDF) 4 Page - ITT Industries

Part # V70202MS05QE
Description  Power & Line Voltage Select Slide Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

V70202MS05QE Datasheet(HTML) 4 Page - ITT Industries

  V70202MS05QE Datasheet HTML 1Page - ITT Industries V70202MS05QE Datasheet HTML 2Page - ITT Industries V70202MS05QE Datasheet HTML 3Page - ITT Industries V70202MS05QE Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
J–35
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K V Series
Power & Line Voltage Select Slide Switches
CONTACT MATERIAL
SEAL
EPOXY
.075 MAX.
(1,91)
PC MOUNTING
MS, SS Mounting Styles.
MA, SL Mounting Styles.
PC MOUNTING
08
PC THRU-HOLE
05
QUICK CONNECT
02
PC THRU-HOLE
E
EPOXY SEAL
NONE
NO SEAL
TERMINATIONS
Fits .110 in. quick connector.
Not available with ‘MS, SS or S2’ mounting styles.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options).
All models
with all options. V70X and V80X models
.
NOTE: Any models supplied with Q contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
10.1 AMPS @ 125 V AC; 4 AMPS @ 28 V DC; 5 AMPS @
250 V AC (UL/CSA); 2.0 (0.5) AMPS @ 250 V AC, T85 (VDE).
POWER
SILVER 1
OPTION
CODE
RATINGS
CONTACT
MATERIAL
Q
RoHS
COMPLIANT
RoHS
COMPLIANT
YES
YES


Similar Part No. - V70202MS05QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
V702 CK-COMPONENTS-V702 Datasheet
279Kb / 4P
   Snap-in panel and PC mounting
V702 CK-COMPONENTS-V702 Datasheet
684Kb / 4P
   Power & Line Voltage Select Slide Switches
More results

Similar Description - V70202MS05QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
V80212SS05QE CK-COMPONENTS-V80212SS05QE Datasheet
300Kb / 4P
   Power & Line Voltage Select Slide Switches
V CK-COMPONENTS-V Datasheet
684Kb / 4P
   Power & Line Voltage Select Slide Switches
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com